Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5216 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE5216
Description  Smart Quad Channel Low-Side Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5216 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE5216 Datasheet HTML 1Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 2Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 3Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5216 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLE 5216 G
Semiconductor Group
3
1998-06-22
Pin Definitions and Functions
Pin No.
Symbol
Function
3
IN1
Input switch 1; active LOW; internal pull-up
4
IN2
Input switch 2; active LOW; internal pull-up
5
OUT1
Output switch 1; overload and shorted load protected
6
V
S
Supply voltage
7
OUT2
Output switch 2; overload and shorted load protected
8
SEROUT
Data-out of serial diagnostic interface;
open drain
9
CLK
Clock for serial diagnostic interface
1, 10, 11, 20
GND
Ground
12
CS
Chip select for serial diagnostic interface; internal pull-up
13
SERIN
Data-in of serial diagnostic interface; internal pull-up
14
OUT3
Output switch 3; overload and shorted load protected
15
RESET
Reset; active LOW; shuts down all outputs and resets
the error flags
16
OUT4
Output switch 4;
overload and shorted load protected
17
IN3
Input switch 3; active LOW; internal pull-up
18
IN4
Input switch 4; active LOW; internal pull-up
2, 19
N.C.
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com