Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-DF50LL-TL-B-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-DF50LL-TL-B-R
Description  GLASS-FILLED THERMOPLASTIC PBT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-DF50LL-TL-B-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-DF50LL-TL-B-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - A-DF50LL-TL-B-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DF50PP-TL-B-R ASSMANN-A-DF50PP-TL-B-R Datasheet
106Kb / 1P
D-SUB CONNECTOR SOLDER TAIL
More results

Similar Description - A-DF50LL-TL-B-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
HOUSIN MAT: THERMOPLASTIC GLASS FILLED
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Assmann Electronics Inc...
A-DS50LL-TL-B ASSMANN-A-DS50LL-TL-B Datasheet
94Kb / 1P
GLASS-FILLED THERMOPLASTIC PBT
logo
Dubilier
TYPEBSERIES DUBILIER-TYPEBSERIES Datasheet
455Kb / 2P
Glass filled polyester (PBT, UL flammability 94V-0)
TYPEHBSERIES DUBILIER-TYPEHBSERIES Datasheet
672Kb / 2P
Glass filled polyester (PBT, UL flammability 94V-0)
TYPEHCSERIES DUBILIER-TYPEHCSERIES Datasheet
584Kb / 2P
Glass filled polyester (PBT, UL flammability 94V-0)
logo
Hammond Manufacturing L...
1584B20 HAMMOND-1584B20 Datasheet
76Kb / 1P
PBT Plastic 30% Glass Filled (Black)
1584B15 HAMMOND-1584B15 Datasheet
75Kb / 1P
15 Amps, 125 VAC, 50/60 Hz PBT Plastic 30% Glass Filled (Black)
1584B10 HAMMOND-1584B10 Datasheet
75Kb / 1P
PBT Plastic 30% Glass Filled (Black)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com