Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-DFF37LPXX-III-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-DFF37LPXX-III-R
Description  FALT RIBBON CABLE D-SUB ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-DFF37LPXX-III-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-DFF37LPXX-III-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
A-DFF37LPXX-III-R
Flat Ribbon Cable D-Sub Assembly - 37Pin, Female,
Low Profile
Unit: MM±0.25MM
Material:
• Insulator: Glass-Filled Thermoplastic PBT, UL94V-0
• Contact: Copper alloy
• Shell: SPCC
*Important is that the min mating cycles D-subs must have are 1,000
Electrical:
• Contact Resistance: 20M
Max. @1Amp DC
• Insulation Resistance: 1,000M
@500V DC
• Dielectric Withstanding Voltage: 1,000V AC/rms 60Hz for 1 Min.
• Current Rating: 1 Amp
• Voltage Rating: 250V AC/rms 60Hz
69.32
63.50
54.84
49.86
45.72
Strain Relief
Without Insulator Support
Cover


Similar Part No. - A-DFF37LPXX-III-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DFF37LPIII-FP-R ASSMANN-A-DFF37LPIII-FP-R Datasheet
51Kb / 1P
D-SUB FLAT RIBBON CABLE ASSEMBLY
A-DFF37LPIII-Z-UNC-R ASSMANN-A-DFF37LPIII-Z-UNC-R Datasheet
227Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
More results

Similar Description - A-DFF37LPXX-III-R

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
Mini D Ribbon (MDR) Cable Assembly
12-May-2006
logo
Assmann Electronics Inc...
A-DFF09LPXX-III-R ASSMANN-A-DFF09LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF15LPXX-III-R ASSMANN-A-DFF15LPXX-III-R Datasheet
51Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF25LPXX-III-R ASSMANN-A-DFF25LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF37LPIII-FP-R ASSMANN-A-DFF37LPIII-FP-R Datasheet
51Kb / 1P
D-SUB FLAT RIBBON CABLE ASSEMBLY
A-DSF09LPXX-III-R ASSMANN-A-DSF09LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF15LPXX-III-R ASSMANN-A-DSF15LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF25LPXX-III-R ASSMANN-A-DSF25LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF37LPIII-FP-R ASSMANN-A-DSF37LPIII-FP-R Datasheet
48Kb / 1P
D-SUB FLAT RIBBON CABLE ASSEMBLY
A-DSF37LPXX-III-R ASSMANN-A-DSF37LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com