Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-DS09-HOOD-WP-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-DS09-HOOD-WP-R
Description  WATERPROOF D-SUB BACKSHELL W/DB MALE, STANDARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-DS09-HOOD-WP-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-DS09-HOOD-WP-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66.8
THIS DRAWING IS UNPUBLISHED
©Copyright 2011 by Assmann WSW components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
RoHS
Compliant
ITEM NO.
TITLE
Waterproof D-Sub Backshell w/DB Male, Standard
A-DS09-HOOD-WP-R (9 Contacts)
A-DS15-HOOD-WP-R (15 Contacts)
A-DS25-HOOD-WP-R (25 Contacts)


Similar Part No. - A-DS09-HOOD-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DS09-HOOD-WP ASSMANN-A-DS09-HOOD-WP Datasheet
247Kb / 1P
ASS 6258 CO
More results

Similar Description - A-DS09-HOOD-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DF15LL-WP-R ASSMANN-A-DF15LL-WP-R Datasheet
62Kb / 1P
D-SUB CONNECTOR WATERPROOF
A-DF25LL-WP-R ASSMANN-A-DF25LL-WP-R Datasheet
64Kb / 1P
D-SUB CONNECTOR WATERPROOF
A-DF09-HOOD-WP-R ASSMANN-A-DF09-HOOD-WP-R Datasheet
179Kb / 1P
WATERPROOF D-SUB BACKSHELL
A-DFXXAA-WP-R ASSMANN-A-DFXXAA-WP-R Datasheet
350Kb / 1P
WATERPROOF D-SUB CONNECTOR
A-DFXXLL-WP-R ASSMANN-A-DFXXLL-WP-R Datasheet
317Kb / 1P
WATERPROOF D-SUB CONNECTOR
A-HDF15-HOOD-WP-R ASSMANN-A-HDF15-HOOD-WP-R Datasheet
303Kb / 1P
WATERPROOF D-SUB BACKSHELL W/DB
A-HDF-26-PP-WP-R ASSMANN-A-HDF-26-PP-WP-R Datasheet
65Kb / 1P
D-SUB WATERPROOF
A-HDSXXLL-WP-R ASSMANN-A-HDSXXLL-WP-R Datasheet
315Kb / 1P
WATERPROOF D-SUB CONNECTOR
logo
Laird Tech Smart Techno...
CL2510 LSTD-CL2510 Datasheet
293Kb / 2P
Standard Male DB-9 DCE serial interface
logo
NorComp
977-037-0Y0RYY1 NORCOMP-977-037-0Y0RYY1 Datasheet
51Kb / 1P
977 SERIES D-SUB BACKSHELL - 37 POSITION
08/22/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com