Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-DS25PP-WP-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-DS25PP-WP-R
Description  WATERPROOF DSUB CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-DS25PP-WP-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-DS25PP-WP-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIS DRAWING IS UNPUBLISHED
©Copyright 2011 by Assmann WSW components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-DS25PP-WP-R
Waterproof DSub Connector - Straight Pin,
for PCB mount, 25 contacts Male
Unit: MM±0.1MM
Quality Control: Important Dimension to check
Recommended Panel Cut-Out
Panel Thickness
Screw L= 5.0 For Panel Thickness
Under 1.2 mm
Screw L= 6.0 For Panel Thickness
Between 1.2~2.0mm
25 Pin Male Connector
PCB Pin Layout
Material:
• Waterproof Rate: IP67
• Connector: Black, Nylon+GF
• Pin: Copper Alloy, Gold Plated
• Do Mating Test After Glued


Similar Part No. - A-DS25PP-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DS25PP-TL-B-R ASSMANN-A-DS25PP-TL-B-R Datasheet
44Kb / 1P
D-SUB CONNECTOR SOLDER TAIL
More results

Similar Description - A-DS25PP-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DF15PP-WP-R ASSMANN-A-DF15PP-WP-R Datasheet
86Kb / 1P
WATERPROOF DSUB CONNECTOR
A-DF25PP-WP-R ASSMANN-A-DF25PP-WP-R Datasheet
86Kb / 1P
WATERPROOF DSUB CONNECTOR
A-DS09PP-WP-R ASSMANN-A-DS09PP-WP-R Datasheet
84Kb / 1P
WATERPROOF DSUB CONNECTER
A-DS15PP-WP-R ASSMANN-A-DS15PP-WP-R Datasheet
85Kb / 1P
WATERPROOF DSUB CONNECTOR
A-HDS44PP-WP-R ASSMANN-A-HDS44PP-WP-R Datasheet
71Kb / 1P
Waterproof DSub connector
A-HDS26AA-WP ASSMANN-A-HDS26AA-WP Datasheet
68Kb / 1P
Waterproof DSub connector
A-HDS26PP-WP ASSMANN-A-HDS26PP-WP Datasheet
66Kb / 1P
Waterproof DSub connector
logo
Wurth Elektronik GmbH &...
726181104 WURTH-726181104 Datasheet
87Kb / 1P
DSUB ??Connector Cover, 25P.
726181001 WURTH-726181001 Datasheet
87Kb / 1P
DSUB ??Connector Cover, 9P.
726181002 WURTH-726181002 Datasheet
87Kb / 1P
DSUB ??Connector Cover, 9P.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com