Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP61P Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TP61P
Description  Silizium-Fotoelement Silicon Photovoltaic Cell
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP61P Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TP61P Datasheet HTML 1Page - Siemens Semiconductor Group TP61P Datasheet HTML 2Page - Siemens Semiconductor Group TP61P Datasheet HTML 3Page - Siemens Semiconductor Group TP61P Datasheet HTML 4Page - Siemens Semiconductor Group TP61P Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TP 61 P
Semiconductor Group
206
Kurzschlu
βstrom, E
v = 1000 Ix
Short-circuit current
E
v = 1000 Ix
E
e = 0.5 mW/cm
2;
λ = 850 nm
I
SC
I
SC
1 (
≥ 0.7)
380
mA
µA
Anstiegs und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L= 1 kΩ; VR = 1 V; λ = 850 nm; Ip = 50 µA
t
r, tf
18
µs
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TCV
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
TCI
0.12
%/K
Kapazität,
V
R = 0 V, f = 1 MHz, Ev = 0 Ix
Capacitance
C0
11
nF
Kennwerte (
T
A = 25 °C, Normlicht A, T
= 2856 K)
Characteristics (T
A = 25 °C, standard light A, T
= 2856 K)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com