Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D100J20C0GL6.J5. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # D100J20C0GL6.J5.
Description  D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D100J20C0GL6.J5. Datasheet(HTML) 4 Page - Vishay Siliconix

  D100J20C0GL6.J5. Datasheet HTML 1Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 2Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 3Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 4Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 5Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28513
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
43
D Series
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
Vishay BCcomponents
Notes
(1) Cumulative pitch error: ±
≤ 1mm/20 pitches
(2) Obliquity maximum 3°
ΔP
ΔP
Δh
Δh
D
P
2
P
P
1
P
0
D
0
H1
H
0
Direction of unreeling
Ø d
F
W
2
W
1
t
1
W
0
W
e
A
Kinked capacitors on tape, lead spacing 5.0 mm (0.2")
detail A
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
NOMINAL
TOLERANCE
D
Body diameter
11.0 maximum
-
d
Lead diameter
0.6
± 0.05
P (1)
Pitch between capacitors
12.7
± 1.0
P0
Feed-hole pitch
12.7
± 0.3
ΔP
Plane deviation
1.0 maximum
-
P1 (2)
Feed-hole center to lead center
3.85
± 0.7
P2 (2)
Feed-hole center to component center
6.35
± 1.3
F
Lead spacing
5.0
0.6
- 0.4
Δh
Component alignment
0
± 1.0
W
Tape width
18.0
1.0
- 0.5
W0
Hold-down tape width
5.0 minimum
-
W1
Hole position
9.0
0.75
- 0.5
W2
Hold-down tape margin
3.0 maximum
-
H0
Height to seating plane
16.0
± 0.5
H1
Maximum component height
32.0
-
e
Lead end protrusion
1.0 maximum
-
L
Maximum length of snipped lead
11.0
-
D0
Feed-hole diameter
4.0
± 0.2
t
Total tape thickness
0.9 maximum
-
t1
Maximum thickness of tape and wires
1.5 maximum
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com