Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-FT09-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-FT09-R
Description  HAUBEN FUR D-SUB-STECKVERBINDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-FT09-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-FT09-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
52
Hauben für D-Sub-Steckverbinder, Flip-Top Type, gerader Kabeleingang, Rändelschrauben
Hoods for D-Sub-connectors, flip-top version, top cable entry, knurled screws
Merkmale
Die Flip-Top-Haube besteht aus
einem
zusammenhängenden
Schalengehäuse in Schnell-
verschlußtechnik. Dadurch fallen
zusätzliche Gehäuseschrauben
weg. Der mitgelieferte Zug-
entlastungsbügel wird von außen
verschraubt. Die Flip-Top-Haube
wird in flexiblem, schwarzen, ther-
moplastischem Kunststoff gefertigt.
Features
The Flip-Top-Hood consists of
two hinged shells with quick-lock,
no additional screws are required.
The strain relief, which has to be
fixed externally, is supplied
together with the hood. The Flip-
Top hood is made of flexible,
black thermoplastic synthetic
material.
Lieferumfang:
6 Teile
1 Flip-Top-Haube
2 Rändelschraube UNC4-40
2 Schrauben
1 Zugentlastungsbügel
Delivery size:
6pieces
1 Flip-Top-hood
2 knurled screws UNC4-40
2 screws
1 strain relief bow
Polzahl
09, 15, 25, 37, 50
No. of contacts
09, 15, 25, 37, 50
Bestellcode :
Ordercode :
Bitte „x“ durch unten geeignete Option ersetzen
Please replace „x“ with appropriate option listed below
1.
A- FT - x
1.
Dimensions
No. of contacts
A
B
C
D
E
09
34.2
25.0
8.5
14.1
50.0
15
41.5
33.3
11.4
17.6
48.5
25
55.0
47.0
11.7
16.6
48.5
37
72.1
63.5
11.4
17.1
49.9
50
69.5
61.1
12.2
20.0
48.5
HOODS


Similar Part No. - A-FT09-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-FB-00BLMA-LL1 ASSMANN-A-FB-00BLMA-LL1 Datasheet
250Kb / 1P
ASS 7038 CA
A-FB-00BLMA-LL1-R ASSMANN-A-FB-00BLMA-LL1-R Datasheet
255Kb / 2P
WATERPROOF FIBER OPTICAL CABLE ASSEMBLY
A-FB-00BLMA-LL2 ASSMANN-A-FB-00BLMA-LL2 Datasheet
250Kb / 1P
ASS 7037 CA
A-FB-00BLMA-LL2-R ASSMANN-A-FB-00BLMA-LL2-R Datasheet
255Kb / 2P
WATERPROOF FIBER OPTICAL CABLE ASSEMBLY
A-FB-00RLFJ-LC7-1 ASSMANN-A-FB-00RLFJ-LC7-1 Datasheet
57Kb / 1P
Waterproof Fiber Optical
More results

Similar Description - A-FT09-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1035 ETC-TDA1035 Datasheet
432Kb / 3P
Tonkanaischaltung fur Fernsehempfanger
logo
Vishay Telefunken
RFG3 TFUNK-RFG3 Datasheet
66Kb / 3P
EINWEGGLEICHRICHTER FUR KATHODENSTRAHIROHREN
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
Modular-Steckverbinder
MICA LUMBERG-MICA_13 Datasheet
558Kb / 2P
Micro modul-Steckverbinder fur indirektes Stecken, in Schneid klemm technik (SKT), mit Verrastung
logo
List of Unclassifed Man...
735278 ETC2-735278 Datasheet
38Kb / 1P
AMP FASTON-Steckverbinder
FL09P7-K120 ETC2-FL09P7-K120 Datasheet
990Kb / 10P
D-Sub Crimp Steckverbinder
logo
ERNI Electronics
394862 ERNI-394862 Datasheet
26Kb / 1P
M12 Gehauseteil fur Messerl
logo
List of Unclassifed Man...
A301D ETC1-A301D Datasheet
114Kb / 3P
Nicht fur Neuentwicklungen
logo
HARTING Technology Grou...
09-99-000-0897 HARTING-09-99-000-0897 Datasheet
245Kb / 1P
Locator D-Sub fur 0501 (Gigabit Modul C)
2018-02-19
logo
CONEC Elektronische Bau...
160X11279X CONEC-160X11279X Datasheet
33Kb / 1P
GUIDE PIN FUR D-SUB COMBINATION
2001.31.07.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com