Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-LED8-1RAAS-PR7-1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-LED8-1RAAS-PR7-1-R
Description  WATERPROOF LED - ROD COLOR, M8 SIZE CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-LED8-1RAAS-PR7-1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-LED8-1RAAS-PR7-1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-LED8-1RAAS-PR7-1-R
Unit: MM±0.25MM
Waterproof LED - Red color, M8 size connector,
ø3MM, Plastic housing, Solder pins, IP67 unmated
Quality Control: Important Dimension to check
Material:
• Waterproof Rate: IP67
• LED Holder: PC+ABS, black
• LED: ø3MM, Red
• O-ring: EPDM, black
• Screw Nut: Nylon+GF
• Operating Temperature: -40°C~+80°C
• For Panel Thickness 6.5MM Max.
• Forward Voltage: Red Typ. 2.2V/Max.2.4V
• Forward Current: Red Max. 30mA
• Reverse Voltage: 5V DC
• Luminous Intensity: Min.1,080/Typ.2,000(Mcd)
Recommended
Panel Cut-Out
O-ring
Screw
Nut
Half-finished
goods
Liquid Glue


Similar Part No. - A-LED8-1RAAS-PR7-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-LED8-1RAAS-PR7-1 ASSMANN-A-LED8-1RAAS-PR7-1 Datasheet
58Kb / 1P
Waterproof LED
More results

Similar Description - A-LED8-1RAAS-PR7-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-LED8-1BAAS-MR7-1-R ASSMANN-A-LED8-1BAAS-MR7-1-R Datasheet
68Kb / 1P
Waterproof LED - Blue color, M8 size connector, 첩3MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1GAAS-MR7-1-R ASSMANN-A-LED8-1GAAS-MR7-1-R Datasheet
68Kb / 1P
Waterproof LED - Green color, M8 size connector, 첩3MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1GBAS-MR7-1-R ASSMANN-A-LED8-1GBAS-MR7-1-R Datasheet
67Kb / 1P
Waterproof LED - Green color, M8 size connector, 첩5MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1RAAS-MR7-1-R ASSMANN-A-LED8-1RAAS-MR7-1-R Datasheet
68Kb / 1P
Waterproof LED - Red color, M8 size connector, 첩3MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1RBAS-MR7-1-R ASSMANN-A-LED8-1RBAS-MR7-1-R Datasheet
67Kb / 1P
Waterproof LED - Red color, M8 size connector, 첩5MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1WBAS-MR7-1-R ASSMANN-A-LED8-1WBAS-MR7-1-R Datasheet
67Kb / 1P
Waterproof LED - White color, M8 size connector, 첩5MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1YBAS-MR7-1-R ASSMANN-A-LED8-1YBAS-MR7-1-R Datasheet
67Kb / 1P
Waterproof LED - Yellow color, M8 size connector, 첩5MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1GAAS-PR7-1-R ASSMANN-A-LED8-1GAAS-PR7-1-R Datasheet
66Kb / 1P
WATERPROOF LED - GREEN COLOR, M8 SIZE CONNECTOR
A-LED8-1WAAS-PR7-1-R ASSMANN-A-LED8-1WAAS-PR7-1-R Datasheet
65Kb / 1P
WATERPROOF LED - WHITE COLOR, M8 SIZE CONNECTOR
A-LED8-1YAAS-PR7-1-R ASSMANN-A-LED8-1YAAS-PR7-1-R Datasheet
65Kb / 1P
WATERPROOF LED - TELLOW COLOR, M8 SIZE CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com