Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-MCSSP60070-R-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MCSSP60070-R-R
Description  CAT.6 SFTP PATCH CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MCSSP60070-R-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MCSSP60070-R-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-MCSSP60070/R-R
Cat.6 SFTP Patch Cable - 8P8C 50—”, Red, 7 Meters
Material:
• Plug: YUS-06
8P8C 50—”
• Conductor:
- Wire: Cat.6 PIMF STR 26AWG
- Bare Copper 26AWG 7/0.16±0.015MM
• Insulator:
- Thickness Min. at any point: 0.2MM
- Thickness Max. Avg.: 0.35MM
- Diameter: 1.05±0.06MM
• Jacket PVC:
- Thickness Min. at any point: 0.50MM
- Thickness Max. Avg.: 0.60MM
- Diameter: 6.1±0.02MM
Insulation
(Foam-Skin)
Braiding
4*Al-Mylar Type
Conductor
Jacketing
7,000MM±.02MM


Similar Part No. - A-MCSSP60070-R-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSP60070-R ASSMANN-A-MCSSP60070-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
More results

Similar Description - A-MCSSP60070-R-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSP60005-B-R ASSMANN-A-MCSSP60005-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60005-G-R ASSMANN-A-MCSSP60005-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60030-G-R ASSMANN-A-MCSSP60030-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60030-R ASSMANN-A-MCSSP60030-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60030-Y-R ASSMANN-A-MCSSP60030-Y-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60050-R ASSMANN-A-MCSSP60050-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-B-R ASSMANN-A-MCSSP60070-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-R ASSMANN-A-MCSSP60070-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60100-B-R ASSMANN-A-MCSSP60100-B-R Datasheet
67Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60200-R-R ASSMANN-A-MCSSP60200-R-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com