Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-MCU60100-R-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MCU60100-R-R
Description  Cat.6 UTP Patch Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MCU60100-R-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MCU60100-R-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-MCU60100/R-R
Cat.6 UTP Patch Cable - 8P8C 50—”, Red, 10 Meters
Material:
• Conductor:
- Bare Copper 24AWG 7/0.196±0.015MM
• Insulator:
- Thickness Min. at any point: 0.15MM
- Thickness Max. Avg.: 0.25MM
- Diameter: 1.04±0.06MM
• Jacket PVC:
- Thickness Min. at any point: 0.46MM
- Thickness Max. Avg.: 0.58MM
- Diameter: 5.9±0.15MM
Insulation
(HDPE)
Conductor
Jacketing
10,000MM±.02MM


Similar Part No. - A-MCU60100-R-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCU60100-R ASSMANN-A-MCU60100-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
More results

Similar Description - A-MCU60100-R-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCU60005-G-R ASSMANN-A-MCU60005-G-R Datasheet
59Kb / 1P
CAT.6 UTP PATCH CABLE
A-MCU60010-G-R ASSMANN-A-MCU60010-G-R Datasheet
59Kb / 1P
CAT.6 UTP PATCH CABLE
A-MCU60010-R ASSMANN-A-MCU60010-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60010-R-R ASSMANN-A-MCU60010-R-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60030-Y-R ASSMANN-A-MCU60030-Y-R Datasheet
60Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60050-B-R ASSMANN-A-MCU60050-B-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60050-G-R ASSMANN-A-MCU60050-G-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60070-G-R ASSMANN-A-MCU60070-G-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60100-R ASSMANN-A-MCU60100-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
A-MCU60150-R ASSMANN-A-MCU60150-R Datasheet
59Kb / 1P
Cat.6 UTP Patch Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com