Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-MD-08PMFS-WP-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MD-08PMFS-WP-R
Description  Waterproof Mini DIN Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MD-08PMFS-WP-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MD-08PMFS-WP-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2011 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-MD-08PMFS-WP-R
Waterproof Mini DIN Connector - 8 Pin,
Male connector, Female pin
Unit: MM±0.25MM
Quality Control: Important Dimension to check
Material:
• Waterproof Rate: IP67
• Connector: Mini DIN 8Pin Male
• Nut: Nylon+GF
• Gasket: EPDM
• For panel thickness Max 4.0M
• Rated temperature: -20°C ~ +80°C


Similar Part No. - A-MD-08PMFS-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MD-08PMFS-WP ASSMANN-A-MD-08PMFS-WP Datasheet
56Kb / 1P
Waterproof Mini DIN connector
More results

Similar Description - A-MD-08PMFS-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-KMD-08AFMM-WP-R ASSMANN-A-KMD-08AFMM-WP-R Datasheet
242Kb / 1P
WATERPROOF MINI DIN CONNECTOR
A-MD-06PMFS-WP-R ASSMANN-A-MD-06PMFS-WP-R Datasheet
59Kb / 1P
Waterproof Mini DIN Connector
A-KMD-06AFMM-WP ASSMANN-A-KMD-06AFMM-WP Datasheet
50Kb / 1P
Waterproof Mini DIN connector
A-KMD-08AFMM-WP ASSMANN-A-KMD-08AFMM-WP Datasheet
52Kb / 1P
Waterproof Mini DIN connector
A-MD-08PMFS-WP ASSMANN-A-MD-08PMFS-WP Datasheet
56Kb / 1P
Waterproof Mini DIN connector
logo
CUI INC
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
MINI DIN CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com