Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3140B-3/883 Datasheet(PDF) 7 Page - Sipex Corporation

Part # HS3140B-3/883
Description  14-Bit Multiplying DACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3140B-3/883 Datasheet(HTML) 7 Page - Sipex Corporation

  HS3140B-3/883 Datasheet HTML 1Page - Sipex Corporation HS3140B-3/883 Datasheet HTML 2Page - Sipex Corporation HS3140B-3/883 Datasheet HTML 3Page - Sipex Corporation HS3140B-3/883 Datasheet HTML 4Page - Sipex Corporation HS3140B-3/883 Datasheet HTML 5Page - Sipex Corporation HS3140B-3/883 Datasheet HTML 6Page - Sipex Corporation HS3140B-3/883 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HS3140/SP7514
HS3140/SP7514 14-Bit Multiplying DACs
© Copyright 2000 Sipex Corporation
7
ORDERING INFORMATION
Model ................................................................ Monotonicity .................................. Temperature Range .................................... Package
Double-Buffered 12-Bit Multiplying DAC
HS3140C-3Q ............................................................ 13-Bit ............................................... 0
°C to +70°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-3Q ............................................................ 13-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-3/883 ....................................................... 13-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140C-4Q ............................................................ 14-Bit ............................................... 0
°C to +70°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-4Q ............................................................ 14-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-4/883 ....................................................... 14-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
SP7514JN ................................................................ 13-Bit ............................................... 0
°C to +70°C ...................................... 20-pin, 0.3" SOIC
SP7514KN ............................................................... 14-Bit ............................................... 0
°C to +70°C ...................................... 20-pin, 0.3" SOIC
SP7514AN ............................................................... 13-Bit .......................................... –40
°C to +85°C ...................................... 20-pin, 0.3" SOIC
SP7514BN ............................................................... 14-Bit .......................................... –40
°C to +85°C ...................................... 20-pin, 0.3" SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com