Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP207E
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207E Datasheet(HTML) 2 Page - Sipex Corporation

  SP207E Datasheet HTML 1Page - Sipex Corporation SP207E Datasheet HTML 2Page - Sipex Corporation SP207E Datasheet HTML 3Page - Sipex Corporation SP207E Datasheet HTML 4Page - Sipex Corporation SP207E Datasheet HTML 5Page - Sipex Corporation SP207E Datasheet HTML 6Page - Sipex Corporation SP207E Datasheet HTML 7Page - Sipex Corporation SP207E Datasheet HTML 8Page - Sipex Corporation SP207E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional
operation of the device at these or any other
above those indicated in the operation sections
of the specifications below is not implied. Exposure
to absolute maximum rating conditions for extended
periods of time may affect reliability.
V
CC .................................................................. +6V
V+ ....................................... (V
CC – 0.3V) to +13.2V
V– ................................................................ 13.2V
Input Voltages
T
IN .......................................... –0.3V to (VCC +0.3V)
R
IN ................................................................ ±20V
Output Voltages
T
OUT ................................ (V
+, +0.3V) to (V–, –0.3V)
R
OUT ....................................... –0.3V to (VCC +0.3V)
Short Circuit Duration on T
OUT .............. Continuous
.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
TTL INPUTS
T
IN, EN, SD
Logic Threshold
V
IL
0.8
Volts
V
IH
2.0
Volts
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Transmssion Rate
120
230
kbps
C
L = 1000pF, RL = 3KΩ
TTL OUTPUTS
Compatibility
TTL/CMOS
V
OL
0.4
Volts
I
OUT = 3.2mA; VCC = +5V
V
OH
3.5
Volts
I
OUT = –1.0mA
Leakage Current
0.05
+10
µA
0V
≤ R
OUT ≤ VCC ; SP211 EN = 0V;
SP213 EN = V
CC
T
A = +25°C
RS232 OUTPUT
Output Voltage Swing
+5
+7
Volts
All transmitter outputs loaded
with 3K
Ω to ground
Output Resistance
300
Ω
V
CC = 0V; VOUT = +2V
Output Short Circuit Current
+25
mA
Infinite duration, V
OUT = 0V
RS232 INPUT
Voltage Range
–15
+15
Volts
Voltage Threshold
Low
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
High
1.7
2.8
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = +5V
Resistance
3
5
7
k
Ω
V
IN =+15V; TA = +25°C
DYNAMIC CHARACTERISTICS
Driver Propagation Delay
1.5
µs
TTL–to–RS-232
Receiver Propagation Delay
0.5
1.5
µs
RS-232–to–TTL
Instantaneous Slew Rate
30
V/
µsC
L = 50pF, RL = 3–7KΩ;
T
A = +25°C; from +3V
Transition Time
1.5
µsC
L = 2,500pF, RL = 3KΩ;
measured from +3V to –3V
or –3V to +3V
Output Enable Time
400
ns
Output Disable Time
250
ns
SPECIFICATIONS
V
CC at nominal ratings; 0.1µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
Power Dissipation Per Package
24-pin SSOP (derate 11.2mW/oC above +70oC)....900mW
24-pin PDIP (derate 15.9mW/oC above +70oC)....1300mW
24-pin SOIC (derate 12.5mW/oC above +70oC)...1000mW
28-pin SSOP (derate 11.2mW/oC above +70oC)....900mW
28-pin SOIC (derate 12.7mW/oC above +70oC)...1000mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com