Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-TA3535-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-TA3535-R
Description  Keystone Jack Cat6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-TA3535-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-TA3535-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2009 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-TA3535-R
Keystone Jack Cat6, 50—”, RJ45 <=> RJ45,
F-Thru Slim Style Black
Material:
• Housing: PC UL94V-0
• Insert Material: PBT+20%GF UL94V-0
• PCB Material: FR-4 (Thickness 1.6MM)
• Contact Material: Phosphor Bronze Stamp Pin T=0.50MM
• IDC Contact Material: Phosphor Bronze 50—” Gold T=0.50MM
Electrical:
• Voltage Rating: 125V AC RMS
• Current Rating: 1.5 AMP
• Contact Resistance: 100M
Max.
• Insulation Resistance: 1,000M
Min. @ 500V DC
• Dielectric Strength: 750V AC RMS 60Hz, 1 Min.
Environmental:
• Storage: -40°C ~ +85°C
• Operational Temperature: 0°C ~ +70°C
• Conform to TIA/EIA 568 B.2-1
• Mates with modular plug conforming to FCC part 68, Subpart F
35.4MM
8.13MM
7.1MM
8.13MM


Similar Part No. - A-TA3535-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-TA3534-R ASSMANN-A-TA3534-R Datasheet
79Kb / 1P
Keystone Jack Cat5e
More results

Similar Description - A-TA3535-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DN-93601-U-BL ASSMANN-DN-93601-U-BL Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
DN-93601-U-R ASSMANN-DN-93601-U-R Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
DN-93601-U-WH ASSMANN-DN-93601-U-WH Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
DN-93601-U-Y ASSMANN-DN-93601-U-Y Datasheet
144Kb / 1P
Cat6 Unshielded Keystone Jack
logo
Tripp Lite. All Rights ...
N238001YW TRIPPLITE-N238001YW Datasheet
519Kb / 2P
Cat6-Cat5e 110 Style Punch Down Keystone Jack - Yellow
N238-001-BL TRIPPLITE-N238-001-BL Datasheet
167Kb / 2P
Cat6/Cat5e 110 Style Punch Down Keystone Jack - Blue, TAA
N238-001-GN TRIPPLITE-N238-001-GN Datasheet
164Kb / 2P
Cat6/Cat5e 110 Style Punch Down Keystone Jack - Green, TAA
N238-001-RD TRIPPLITE-N238-001-RD Datasheet
166Kb / 2P
Cat6/Cat5e 110 Style Punch Down Keystone Jack - Red, TAA
N238-001-WH-TF TRIPPLITE-N238-001-WH-TF Datasheet
159Kb / 2P
Toolless Cat6/5e Keystone Jack - White, TAA
N238-001-YW TRIPPLITE-N238-001-YW Datasheet
164Kb / 2P
Cat6/Cat5e 110 Style Punch Down Keystone Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com