Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USB-2-A-E-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USB-2-A-E-R
Description  USB 2.0, A VERSION, HORIZONTAL DIP TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USB-2-A-E-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USB-2-A-E-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USB/2-A-E-R
Complaint
RoHS
rev00
USB 2.0, A version, Horizontal DIP Type


Similar Part No. - A-USB-2-A-E-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-2-A-E-LP ASSMANN-A-USB-2-A-E-LP Datasheet
242Kb / 1P
ASS 6418 CO
More results

Similar Description - A-USB-2-A-E-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
logo
List of Unclassifed Man...
690-009-521-013 ETC2-690-009-521-013 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
690-009-521-900 ETC2-690-009-521-900 Datasheet
502Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
logo
Wurth Elektronik GmbH &...
692122030100 WURTH-692122030100 Datasheet
708Kb / 2P
USB 3.0 HORIZONTAL TYPE A
692121030100 WURTH-692121030100 Datasheet
750Kb / 2P
USB 3.0 HORIZONTAL TYPE A
logo
Assmann Electronics Inc...
A-USB-A-E-R ASSMANN-A-USB-A-E-R Datasheet
256Kb / 1P
USB 1.1, A version, Horizontal DIP Type
A-USBPA-2-R ASSMANN-A-USBPA-2-R Datasheet
67Kb / 1P
USB, Type A, Assembly-Type, VERSION 2.0
logo
Wurth Elektronik GmbH &...
614004190021 WURTH-614004190021 Datasheet
863Kb / 3P
USB 2.0 TYPE A HORIZONTAL THT
629104151021 WURTH-629104151021 Datasheet
674Kb / 3P
WR-COM - USB 2.0 TYPE A - HORIZONTAL - SMT - WITH PEGS
629105150521 WURTH-629105150521 Datasheet
490Kb / 2P
MICRO USB 2.0 TYPE B - HORIZONTAL - SMT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com