Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USB-3-A-LP-SMT-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USB-3-A-LP-SMT-R
Description  USB Connector 3.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USB-3-A-LP-SMT-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USB-3-A-LP-SMT-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USB Connector 3.0 - SMT Low Profile,
A Male Type, 15—”, for PCB Mount
Unit: MM±0.25MM
Material:
• Housing: LCP UL94V-0
• Shell: SPCC T=0.3MM
• Contact: Brass T=0.2MM
Electrical:
• Voltage Current Rating: 1.5A 30V DC
• Withstanding Voltage: 500V AC
• Mating Force: 3.57kg Max.
• Unmating Force: 1.02kg Min.
A-USB/3-A-LP/SMT-R
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
Complaint
RoHS
rev00


Similar Part No. - A-USB-3-A-LP-SMT-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-3-A-LP-SMT ASSMANN-A-USB-3-A-LP-SMT Datasheet
283Kb / 1P
USB Connector 3.0
More results

Similar Description - A-USB-3-A-LP-SMT-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023027-03M QUALTEK-3023027-03M Datasheet
605Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USB-3-A-LP-SMT ASSMANN-A-USB-3-A-LP-SMT Datasheet
283Kb / 1P
USB Connector 3.0
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
USB 3.0
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
USB 3.0
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
USB 3.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com