Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USB-4-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USB-4-R
Description  USB Adapter -A TYPE FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USB-4-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USB-4-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USB-4-R
USB Adapter -
A type Female <=> A type Female
Complaint
RoHS
rev00


Similar Part No. - A-USB-4-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-4 ASSMANN-A-USB-4 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
A-USB-4 ASSMANN-A-USB-4 Datasheet
62Kb / 1P
USB 1.1 & 2.0, A type, Female x2, Beige
More results

Similar Description - A-USB-4-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020173MR004F1OKZL SUYIN-USA-020173MR004F1OKZL Datasheet
126Kb / 1P
USB CONN A DIP FEMALE TYPE
020173MR004G104ZU SUYIN-USA-020173MR004G104ZU Datasheet
90Kb / 1P
USB CONN R/A DIP FEMALE TYPE
020173MR004G105ZA SUYIN-USA-020173MR004G105ZA Datasheet
93Kb / 1P
USB CONN R/A DIP FEMALE TYPE
logo
Assmann Electronics Inc...
A-USB-2-R ASSMANN-A-USB-2-R Datasheet
68Kb / 1P
USB ADAPTER - A TYPE FEMALE
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
A-USB-5 ASSMANN-A-USB-5 Datasheet
45Kb / 1P
ADAPTER USB A MALE
logo
Wurth Elektronik GmbH &...
61400416021 WURTH-61400416021 Datasheet
816Kb / 2P
USB FEMALE R/A A TYPE
logo
List of Unclassifed Man...
8029 ETC2-8029 Datasheet
119Kb / 1P
TYPE N FEMALE TO TYPE N FEMALE RADIUS R/A ADAPTER
logo
Assmann Electronics Inc...
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Wurth Elektronik GmbH &...
614004160211 WURTH-614004160211 Datasheet
422Kb / 1P
USB 2.0 FEMALE R/A A TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com