Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBPA-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBPA-2-R
Description  USB, Type A, Assembly-Type, VERSION 2.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBPA-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBPA-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material:
• Thermoplastic (PBT)
• Contact: Brass
• Shell: SPCC
• Shell: Nickel Plating
Electrical:
• Voltage Rating: 30V
• Current Rating: 1A
• Dielectric Withstanding Voltage: 750V AC
Unit: MM±0.15MM
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBPA-2-R
USB, Type A, Assembly-Type,
Version 2.0
Complaint
RoHS
rev00


Similar Part No. - A-USBPA-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBPA-3 ASSMANN-A-USBPA-3 Datasheet
171Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
A-USBPA-3-R ASSMANN-A-USBPA-3-R Datasheet
77Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
A-USBPA-HOOD ASSMANN-A-USBPA-HOOD Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
A-USBPA-HOOD ASSMANN-A-USBPA-HOOD Datasheet
86Kb / 1P
ASS 6374 CO
A-USBPA-HOOD-BK ASSMANN-A-USBPA-HOOD-BK Datasheet
90Kb / 1P
ASS 5672 CO
More results

Similar Description - A-USBPA-2-R

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-200121 CONEC-17-200121 Datasheet
626Kb / 1P
IP67 USB 2.0 Type A Plug Assembly Kit
logo
Assmann Electronics Inc...
A-USB-2-A-E-R ASSMANN-A-USB-2-A-E-R Datasheet
256Kb / 1P
USB 2.0, A VERSION, HORIZONTAL DIP TYPE
A-USBPA-R ASSMANN-A-USBPA-R Datasheet
2Mb / 1P
USB A, MALE, ASSEMBLY-TYPE VERSION 1.1
A-USBPB-R ASSMANN-A-USBPB-R Datasheet
61Kb / 1P
USB, Type B, Assembly-Type, VERSION 1.1
logo
CONEC Elektronische Bau...
17K1A115 CONEC-17K1A115 Datasheet
867Kb / 1P
IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit Metal Version
39K1A364 CONEC-39K1A364 Datasheet
626Kb / 1P
IP67 USB USB 2.0 Type A Plug Assembly Kit Solder Cup Version
logo
Wurth Elektronik GmbH &...
62900416021 WURTH-62900416021 Datasheet
450Kb / 3P
USB 2.0 SMT TYPE A
614004135023 WURTH-614004135023 Datasheet
852Kb / 3P
USB 2.0 TYPE A VERTICAL
614008246521 WURTH-614008246521 Datasheet
498Kb / 1P
DUAL USB 2.0 TYPE A
6140041350231 WURTH-6140041350231 Datasheet
438Kb / 1P
USB 2.0 TYPE A VERTICAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com