Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBPA-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBPA-3-R
Description  USB Assembly Type 3.0, 9 Pin A/M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBPA-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBPA-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material:
• Housing: PBT+30% G.F. UL 94v-0
• Contact 5P: Phosphor Bronze
• Contact 4P: Brass
• Shell: SPCC
• Plating Contact: Gold Flash & Tin over
Nickel Plated
• Plating Shell: Nickel Plated over All
Electrical:
• Current Rating: 1.0A @ 30V AC Min.
• Withstanding Voltage: 500V AC for 1 Min.
• Mating Force: 3.57KgF Max.
• Unmating Force: 1.02KgF Min.
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBPA-3-R
Complaint
RoHS
rev00
USB Assembly Type 3.0, 9 Pin A/M, 15—”,
Solder Type


Similar Part No. - A-USBPA-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBPA-3 ASSMANN-A-USBPA-3 Datasheet
171Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
More results

Similar Description - A-USBPA-3-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023005-01M QUALTEK-3023005-01M Datasheet
583Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023017-02M QUALTEK-3023017-02M Datasheet
580Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023027-03M QUALTEK-3023027-03M Datasheet
605Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USBPA-3 ASSMANN-A-USBPA-3 Datasheet
171Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
logo
List of Unclassifed Man...
SC-3AAK003F ETC1-SC-3AAK003F Datasheet
179Kb / 1P
Cable Assembly, USB 3.0, Type A/M - Type A/M, Black
2017.08.24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com