Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBPA-HOOD-BLK-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBPA-HOOD-BLK-R
Description  Hoods USB-Assembly, Type A, Male, Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBPA-HOOD-BLK-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBPA-HOOD-BLK-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBPA-HOOD-BLK-R
Complaint
RoHS
rev00
Hoods USB-Assembly, Type A, Male, Black


Similar Part No. - A-USBPA-HOOD-BLK-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBPA-HOOD-BK ASSMANN-A-USBPA-HOOD-BK Datasheet
90Kb / 1P
ASS 5672 CO
More results

Similar Description - A-USBPA-HOOD-BLK-R

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692903100000 WURTH-692903100000 Datasheet
387Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
logo
Assmann Electronics Inc...
A-USBPA-HOOD-R ASSMANN-A-USBPA-HOOD-R Datasheet
176Kb / 1P
Hoods for USB-Assembly, Type A, Male
A-USBPA-R ASSMANN-A-USBPA-R Datasheet
2Mb / 1P
USB A, MALE, ASSEMBLY-TYPE VERSION 1.1
A-USBPB-HOOD-R ASSMANN-A-USBPB-HOOD-R Datasheet
59Kb / 1P
Hoods for USB-Assembly, Type B, Male
A-USBPB-HOOD-BLK ASSMANN-A-USBPB-HOOD-BLK Datasheet
60Kb / 1P
Hoods USB-Assembly, Type B, Male, Black
logo
Molex Electronics Ltd.
0687890039 MOLEX1-0687890039 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type B Male, 1.5m Length, Black
0687890040 MOLEX1-0687890040 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type B Male, 2.0m Length, Black
logo
Wurth Elektronik GmbH &...
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com