Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBPB-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBPB-R
Description  USB, Type B, Assembly-Type, VERSION 1.1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBPB-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBPB-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Posn. 1
8.0
Posn. 2
Posn. 3
Posn. 4
2.50 Ref
Unit: MM±0.15MM
Material:
• Housing: PBT+30%GF UL 94V-0
• Contact: Brass
• Shell: SPCC
• Contact: 5— Gold Contact Plating
over Nickel Plated
• Shell: Nickel Over All Plating
Electrical:
• Voltage Rating: 30V
• Current Rating: 1.5A
• Contact Resistance Terminal: 30M Max
• Dielectric Withstanding Voltage: 500V AC
• Insulation Resistance: 1000M Min
Mechanical:
• Mating: 35N Max
• Withdrawl Force: 10N Min
• Durability: 1500 Cycles Min
Environmental:
• Temperature Range: -20°~+85°C
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBPB-R
USB, Type B, Assembly-Type,
Version 1.1
Complaint
RoHS
rev00


Similar Part No. - A-USBPB-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBPB-2 ASSMANN-A-USBPB-2 Datasheet
724Kb / 1P
USB, Type B, Assembly-Type
A-USBPB-3-R ASSMANN-A-USBPB-3-R Datasheet
99Kb / 1P
USB 3.0 Assembly Type - B connector type
A-USBPB-HOOD ASSMANN-A-USBPB-HOOD Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
A-USBPB-HOOD-BLK ASSMANN-A-USBPB-HOOD-BLK Datasheet
60Kb / 1P
Hoods USB-Assembly, Type B, Male, Black
A-USBPB-HOOD-R ASSMANN-A-USBPB-HOOD-R Datasheet
59Kb / 1P
Hoods for USB-Assembly, Type B, Male
More results

Similar Description - A-USBPB-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-A-E-R ASSMANN-A-USB-A-E-R Datasheet
256Kb / 1P
USB 1.1, A version, Horizontal DIP Type
A-USBPA-2-R ASSMANN-A-USBPA-2-R Datasheet
67Kb / 1P
USB, Type A, Assembly-Type, VERSION 2.0
A-USBPA-R ASSMANN-A-USBPA-R Datasheet
2Mb / 1P
USB A, MALE, ASSEMBLY-TYPE VERSION 1.1
A-USBPB-HOOD-R ASSMANN-A-USBPB-HOOD-R Datasheet
59Kb / 1P
Hoods for USB-Assembly, Type B, Male
AK669-18 ASSMANN-AK669-18 Datasheet
194Kb / 1P
USB Extention Cable Version 1.1,
AK669-50-BLACK-R ASSMANN-AK669-50-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1
A-USBPB-2 ASSMANN-A-USBPB-2 Datasheet
724Kb / 1P
USB, Type B, Assembly-Type
A-USBPB-3-R ASSMANN-A-USBPB-3-R Datasheet
99Kb / 1P
USB 3.0 Assembly Type - B connector type
A-USBPB-HOOD-BLK ASSMANN-A-USBPB-HOOD-BLK Datasheet
60Kb / 1P
Hoods USB-Assembly, Type B, Male, Black
logo
Molex Electronics Ltd.
847281002 MOLEX-847281002 Datasheet
158Kb / 1P
USB TYPE B BAYONET STYLE CABLE ASSEMBLY
2022/03/30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com