Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP322 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP322
Description  Programmable V.11/V.35 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP322 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP322 Datasheet HTML 5Page - Sipex Corporation SP322 Datasheet HTML 6Page - Sipex Corporation SP322 Datasheet HTML 7Page - Sipex Corporation SP322 Datasheet HTML 8Page - Sipex Corporation SP322 Datasheet HTML 9Page - Sipex Corporation SP322 Datasheet HTML 10Page - Sipex Corporation SP322 Datasheet HTML 11Page - Sipex Corporation SP322 Datasheet HTML 12Page - Sipex Corporation SP322 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SP322DS/06
SP322 V.11/V.35 Serial Transceiver
© Copyright 1997 Sipex Corporation
Rev. 7/9/03
SP322 V.11/V.35 Serial Transceiver
© Copyright 2003 Sipex Corporation
11
Termination Circuitry
Unique to Sipex, the SP322 provides internal
resistor networks for V.35 as well as the cable
termination for V.11. The resistor network for
the V.35 receivers are configured as a typical
V.35 receiver using two 51
Ω resistors in series
tied to the A and B inputs with a 124
Ω center-tap
resistor to ground. The network is internally
switched on during V.35 mode (V.11/V.35 =
V
CC) using high performance, low rON transis-
tors. The transistors can operate efficiently over
+7V to -7V, and can tolerate over +10V to -10V
without damage. This termination provides the
proper V.35 receiver input impedance of 100
Ω
and short-circuit impedance at 2V of 150
Ω with
10% accuracy.
The configuration for the V.11 receiver input
resistor network is similar to the V.35 network
except that the 124
Ω resistor is disconnected
(V.11/V.35 = 0V). A series resistor is also
added increase the input impedance to over
120
Ω for the V.11 cable termination.
The
minimum resistance per the ITU V.11 specifica-
tion is 100
Ω. The V.11 termination can be
switched off using the V.11_TERM pin. For a
terminated V.11 receiver, this pin is at a logic
"1".
A logic "0" will inform the switches to
disconnect the V.11 termination.
Shutdown
The SP322 includes a shutdown pin (SD) which
disables the charge pump and all power con-
suming circuitry to provide low I
CC. A logic "1"
to the SD pin will shut down the SP322 where it
will draw less than 20
µA of current.
NET1/2 European Compliancy
As with all of Sipex's previous multi-protocol
transceiver ICs, the SP322 drivers and receivers
have been designed to meet all electrical
specifications for ITU V.11 and V.35.
Furthermore, it is internally tested and will pass
the NET1/2 physical layer testing requirements.
Please note that although the SP322 adheres to
NET1/2 testing, any complex or unusual
configuration should be double-checked to
ensure NET compliance. Consult factory for
details.
Applications Information
The SP322 is designed for serial port applica-
tions needing V.11 and V.35 transceivers. The
SP322 supports a variety of physical layer
protocols such as EIA-530, EIA-530A, RS-449,
and V.36 where V.11 transceivers are used for
clock and data signals. The termination resistors
are recommended for crosstalk and reflections
elimination under higher speed operation.
Internal termination solves many headaches and
configuration hassles with implementing V.11
and V.35. The SP322 provides a simple, low-
cost solution for the clock and data lines for
synchronous serial ports. The handshaking lines
such as CTS, DTR, etc. can be implemented
using discrete RS-422 or RS-232 transceivers,
depending on the mode supported. Sipex
supplies either differential (V.11) or single-
ended (V.28) discrete transceiver products
to mate with the SP322.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com