Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 5 Page - Sipex Corporation

  SP3220E Datasheet HTML 1Page - Sipex Corporation SP3220E Datasheet HTML 2Page - Sipex Corporation SP3220E Datasheet HTML 3Page - Sipex Corporation SP3220E Datasheet HTML 4Page - Sipex Corporation SP3220E Datasheet HTML 5Page - Sipex Corporation SP3220E Datasheet HTML 6Page - Sipex Corporation SP3220E Datasheet HTML 7Page - Sipex Corporation SP3220E Datasheet HTML 8Page - Sipex Corporation SP3220E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
11/07/02
SP3220E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2000 Sipex Corporation
Table 1. Device Pin Description
E
M
A
NN
O
I
T
C
N
U
FR
E
B
M
U
N
N
I
P
N
E
-
i
r
T
o
t
H
G
I
H
e
v
i
r
D
.
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
r
o
f
W
O
L
e
v
i
r
D
.
l
o
r
t
n
o
C
e
l
b
a
n
E
r
e
v
i
e
c
e
R
.
)
e
t
a
t
s
Z
-
h
g
i
h
(
s
t
u
p
t
u
o
r
e
v
i
e
c
e
r
e
h
t
e
t
a
t
S
1
+
1
C.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
r
e
l
b
u
o
d
e
g
a
t
l
o
v
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
i
s
o
P
2
+
V.
p
m
u
p
e
g
r
a
h
c
e
h
t
y
b
d
e
t
a
r
e
n
e
g
V
5
.
5
+
3
-
1
C.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
r
e
l
b
u
o
d
e
g
a
t
l
o
v
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
N
4
+
2
C.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
g
n
i
t
r
e
v
n
i
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
i
s
o
P
5
-
2
C.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
g
n
i
t
r
e
v
n
i
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
N
6
-
V.
p
m
u
p
e
g
r
a
h
c
e
h
t
y
b
d
e
t
a
r
e
n
e
g
V
5
.
5
-
7
N
I
1
R.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
8
T
U
O
1
R.
t
u
p
t
u
o
r
e
v
e
i
c
e
r
S
O
M
C
/
L
T
T
9
.
C
.
N.
t
c
e
n
n
o
C
o
N
2
1
,
0
1
N
I
1
T.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
1
1
T
U
O
1
T.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
3
1
D
N
G.
d
n
u
o
r
G
4
1
V
C
C
e
g
a
t
l
o
v
y
l
p
p
u
s
V
5
.
5
+
o
t
V
0
.
3
+
5
1
N
D
H
S
o
t
W
O
L
e
v
i
r
D
.
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
l
a
m
r
o
n
r
o
f
H
G
I
H
e
v
i
r
D
.
t
u
p
n
I
l
o
r
t
n
o
C
n
w
o
d
t
u
h
S
r
e
w
o
p
p
m
u
p
e
g
r
a
h
c
d
r
a
o
b
-
n
o
e
h
t
d
n
a
)
t
u
p
t
u
o
Z
-
h
g
i
h
(
s
r
e
v
i
r
d
e
h
t
n
w
o
d
t
u
h
s
.
y
l
p
p
u
s
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com