Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6174 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N6174
Description  SILICON CONTROLLED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N6174 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N6174 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 2N6174 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2N6174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6174 MOTOROLA-2N6174 Datasheet
272Kb / 4P
Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
New Jersey Semi-Conduct...
2N6174 NJSEMI-2N6174 Datasheet
96Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
logo
Digitron Semiconductors
2N6174 DIGITRON-2N6174 Datasheet
777Kb / 5P
SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING TRIODE THYRISTOR
More results

Similar Description - 2N6174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com