Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211EEA Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP211EEA
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211EEA Datasheet(HTML) 5 Page - Sipex Corporation

  SP211EEA Datasheet HTML 1Page - Sipex Corporation SP211EEA Datasheet HTML 2Page - Sipex Corporation SP211EEA Datasheet HTML 3Page - Sipex Corporation SP211EEA Datasheet HTML 4Page - Sipex Corporation SP211EEA Datasheet HTML 5Page - Sipex Corporation SP211EEA Datasheet HTML 6Page - Sipex Corporation SP211EEA Datasheet HTML 7Page - Sipex Corporation SP211EEA Datasheet HTML 8Page - Sipex Corporation SP211EEA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SP207EDS/09
SP207E Series High Performance Transceivers
© Copyright 2000 Sipex Corporation
FEATURES
As in the original RS-232 multi-channel
products, the SP207E Series multi–channel
RS-232 line transceivers provide a variety of
configurations to fit most communication
needs, especially those applications where +12V
is not available. All models in this Series feature
low–power CMOS construction and SIPEX–
proprietary on-board charge pump circuitry to
generate the +10V RS-232 voltage levels. The
ability to use 0.1
µF charge pump capacitors
saves board space and reduces circuit cost.
Different models within the Series provide
different driver/receiver combinations to
match any application requirement.
The SP211 and SP213E models feature a low–
power shutdown mode, which reduces power
supply drain to 1
µA. The SP213E includes a
Wake-Up function which keeps two receivers
active in the shutdown mode, unless disabled by
the EN pin.
The family is available in 28–pin SO (wide) and
SSOP (shrink) small outline packages. Devices
can be specified for commercial (0
°C to +70°C)
and industrial/extended (–40
°C to +85°C)
operating temperatures.
THEORY OF OPERATION
The SP207E Series devices are made up of
three basic circuit blocks — 1) transmitter/
driver, 2) receiver and 3) the SIPEX–
proprietary charge pump. Each model within
the Series incorporates variations of these
circuits to achieve the desired configuration
and performance.
Charge–Pump
The charge pump is a Sipex–patented design
(5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external capacitors,
but uses a four–phase voltage shifting technique
to attain symmetrical 10V power supplies.
Figure 3a shows the waveform found on the
positive side of capcitor C
2, and Figure 3b
shows the negative side of capcitor C
2. There is
a free–running oscillator that controls the four
phases of the voltage shifting. A description of
each phase follows.
Phase 1
— V
SS charge storage —During this phase of the
clock cycle, the positive side of capacitors C
1
and C
2 are initially charged to +5V. Cl
+ is then
switched to ground and the charge in C
1
– is
transferred to C
2
–. Since C
2
+ is connected to
+5V, the voltage potential across capacitor C
2 is
now 10V.
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to ground, and transfers the generated –l0V to
C
3.
Simultaneously, the positive side of
capacitor C
1 is switched to +5V and the negative
side is connected to ground.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –5V in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2. Since C2
+ is at +5V, the
voltage potential across C
2 is l0V.
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 1. Charge Pump — Phase 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com