Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3238EEA Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP3238EEA
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238EEA Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP3238EEA Datasheet HTML 12Page - Sipex Corporation SP3238EEA Datasheet HTML 13Page - Sipex Corporation SP3238EEA Datasheet HTML 14Page - Sipex Corporation SP3238EEA Datasheet HTML 15Page - Sipex Corporation SP3238EEA Datasheet HTML 16Page - Sipex Corporation SP3238EEA Datasheet HTML 17Page - Sipex Corporation SP3238EEA Datasheet HTML 18Page - Sipex Corporation SP3238EEA Datasheet HTML 19Page - Sipex Corporation SP3238EEA Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
SP3238EDS/04
SP3238E +3.0V to +5.5V RS-232 Transceivers
© Copyright 1999 Sipex Corporation
20
Model
Temperature Range
Package Types
SP3238ECA
0
°C to +70°C
28-pin SSOP
SP3238ECY
0
°C to +70°C
28-pin TSSOP
SP3238EEA
-40
°C to +85°C
28-pin SSOP
SP3238EEY
-40
°C to +85°C
28-pin TSSOP
ORDERING INFORMATION
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Far East:
JAPAN:
Nippon Sipex Corporation
Yahagi No. 2 Building
3-5-3 Uchikanda, Chiyoda-ku
Tokyo 101
TEL: 81.3.3256.0577
FAX: 81.3.3256.0621
European Sales Offices:
GERMANY:
Sipex GmbH
Gautinger Strasse 10
82319 Starnberg
TEL: 49.81.51.89810
FAX: 49.81.51.29598
e-mail: sipex-starnberg@t-online.de
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com