Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP334CT Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP334CT
Description  Programmable RS-232/RS-485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP334CT Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP334CT Datasheet HTML 4Page - Sipex Corporation SP334CT Datasheet HTML 5Page - Sipex Corporation SP334CT Datasheet HTML 6Page - Sipex Corporation SP334CT Datasheet HTML 7Page - Sipex Corporation SP334CT Datasheet HTML 8Page - Sipex Corporation SP334CT Datasheet HTML 9Page - Sipex Corporation SP334CT Datasheet HTML 10Page - Sipex Corporation SP334CT Datasheet HTML 11Page - Sipex Corporation SP334CT Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
SP334DS/10
Programmable RS-232/RS-485 Transceiver
© Copyright 2000 Sipex Corporation
Figure 15. Charge Pump Phase 3.
Figure 16. Charge Pump Phase 4.
operation the relative position and functionality
of the drivers are set up to accommodate the
selected interface mode. As the mode of the
drivers is changed, the electrical characteristics
will change to support the requirements of clock,
data, and control line signal levels. Unused
driver inputs can be left floating; however, to
ensure a desired state with no input signal,
pull–up resistors to +5V or pull–down resistors
to ground are suggested. Since the driver inputs
are both TTL or CMOS compatible, any value
resistor less than 100k
Ω will suffice.
When in RS-232 mode, the single-ended RS-
232 drivers produce compliant RS-232E and
ITU V.28 signals. Each of the three drivers
output single-ended bipolar signals in excess of
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 17. Charge Pump Waveforms
±5V with a full load of 3kΩ and 2500pF applied
as specified. These drivers can also operate at
least 120kbps.
When programmed to RS-485 mode, the
differential RS-485 drivers produce complaint
RS-485 signals. Each RS-485 driver outputs
a unipolar signal on each output pin with a
magnitude of at least 1.5V while loaded with
a worst case of 54
Ω between the driver's two
output pins. The signal levels and drive
capability of the RS-485 drivers allow the
drivers to also comply with RS-422 levels. The
transmission rate for the differential drivers is
10Mbps.
Receivers
The SP334 has five single-ended receivers
when programmed for RS-232 mode and two
differential receivers when programmed for
RS-485 mode.
Control for the mode selection is done by the
same select pin as the drivers. As the operating
mode of the receivers is changed, the electrical
characteristics will change to support the
requirements of the appropriate serial standard.
Unused receiver inputs can be left floating
without causing oscillation. To ensure a desired
state of the receiver output, a pull–up resistor of
100k
Ω to +5V should be connected to the
inverting input for a logic low, or the
non–inverting input for a logic high. For
single-ended receivers, a pull–down resistor to
ground of 5k
Ω is internally connected, which
will ensure a logic high output.
+10V
a) C
2+
GND
GND
-10V
b) C
2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com