Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3483 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3483
Description  3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3483 Datasheet(HTML) 6 Page - Sipex Corporation

  SP3483 Datasheet HTML 1Page - Sipex Corporation SP3483 Datasheet HTML 2Page - Sipex Corporation SP3483 Datasheet HTML 3Page - Sipex Corporation SP3483 Datasheet HTML 4Page - Sipex Corporation SP3483 Datasheet HTML 5Page - Sipex Corporation SP3483 Datasheet HTML 6Page - Sipex Corporation SP3483 Datasheet HTML 7Page - Sipex Corporation SP3483 Datasheet HTML 8Page - Sipex Corporation SP3483 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SP3483 DS/04
SP3483 Low Power Slew Rate Limited Half-Duplex RS485 Transceivers
© Copyright 2000 Sipex Corporation
6
Figure 8. Driver Propagation Delay Waveforms
Figure 12. Receiver Enable and Disable Waveforms
Figure 11. Receiver Propagation Delay Waveforms
Figure 10. Driver Enable and Disable Timing Waveforms
0V
VOH
tPLH
tPHL
VOM
tPHL
tPLH
3V
VOL
VOH
1.5V
1.5V
INPUT
Y OUTPUT
VOM
Z OUTPUT
VOL
VOM
VOM
VOM = V
OH
+ VOL
2
≈ 1.5V
0V
VOH
tPZH
0.25V
tPHZ
VOM
tPZL
tPLZ
3V
VOL
VCC
1.5V
1.5V
DE
OUTPUT
HIGH
VOM
0.25V
0V
OUTPUT
LOW
VOM = V
OH
+ VOL
2
≈ 1.5V
3V
0V
VCC
tRPLH
1.5V
tRPHL
VOM
VOM
0V
1.5V
INPUT
OUTPUT
VOM = V
CC
2
NOTE 1: The input pulse is supplied by a generator with the following characteristics:
PRR=250KHz, 50% duty cycle, t
r < 6.0ns, Z0=50Ω.
NOTE 2: C
L includes probe and stray capacitance.
IN
1.5V
tDO1
1.5V
tDO2
3V
0V
OUT
50%
50%
10%
10%
90%
90%
tTD
tTD
2.0V
-2.0V
Figure 9. Driver Differential Output Delay and Transition
Time Waveforms
3V
0V
tPRHZ
1.5V
tPRZH
tPRSH
1.5V
1.5V
10%
0V
VOH
RE
OUTPUT
S1 is open
S2 is closed
S3 = 1.5V
3V
0V
tPRLZ
1.5V
tPRZL
tPRSL
1.5V
1.5V
10%
VCC
RE
OUTPUT
S1 is closed
S2 is open
S3 = -1.5V
VOL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com