Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP236AES Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP236AES
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP236AES Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP236AES Datasheet HTML 9Page - Sipex Corporation SP236AES Datasheet HTML 10Page - Sipex Corporation SP236AES Datasheet HTML 11Page - Sipex Corporation SP236AES Datasheet HTML 12Page - Sipex Corporation SP236AES Datasheet HTML 13Page - Sipex Corporation SP236AES Datasheet HTML 14Page - Sipex Corporation SP236AES Datasheet HTML 15Page - Sipex Corporation SP236AES Datasheet HTML 16Page - Sipex Corporation SP236AES Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
SP238ACS ..................................................................................... 0°C to +70°C ............................................................................... 24 pin PDIP
SP238ACT ..................................................................................... 0°C to +70°C ............................................................................ 24 pin WSOIC
SP238ACT/TR ............................................................................... 0°C to +70°C ............................................................................ 24 pin WSOIC
SP238ACX ..................................................................................... 0°C to +70°C ............................................................................................ Dice
SP238AES ................................................................................... –40°C to +85°C ............................................................................. 24 pin PDIP
SP238AET ................................................................................... –40°C to +85°C .......................................................................... 24 pin WSOIC
SP238AET/TR ............................................................................. –40°C to +85°C .......................................................................... 24 pin WSOIC
SP240ACF ..................................................................................... 0°C to +70°C ................................................................ 44 pin Quad Flatpack
SP240BCF ..................................................................................... 0°C to +70°C ............................................................... 44 pin Quad Flatpack
SP241ACT ..................................................................................... 0°C to +70°C ............................................................................ 28 pin WSOIC
SP241ACT/TR ............................................................................... 0°C to +70°C ............................................................................ 28 pin WSOIC
SP241AET ................................................................................... –40°C to +85°C .......................................................................... 28 pin WSOIC
SP241AET/TR ............................................................................. –40°C to +85°C .......................................................................... 28 pin WSOIC
SP241BCT ..................................................................................... 0°C to +70°C ............................................................................ 28 pin WSOIC
SP241BCT/TR ............................................................................... 0°C to +70°C ............................................................................ 28 pin WSOIC
SP241BET ................................................................................... –40°C to +85°C .......................................................................... 28 pin WSOIC
SP241BET/TR ............................................................................. –40°C to +85°C .......................................................................... 28 pin WSOIC
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP230AET/TR = standard; SP230AET-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com