Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4403 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4403
Description  Low Voltage Electroluminescent Lamp Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4403 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4403 Datasheet HTML 1Page - Sipex Corporation SP4403 Datasheet HTML 2Page - Sipex Corporation SP4403 Datasheet HTML 3Page - Sipex Corporation SP4403 Datasheet HTML 4Page - Sipex Corporation SP4403 Datasheet HTML 5Page - Sipex Corporation SP4403 Datasheet HTML 6Page - Sipex Corporation SP4403 Datasheet HTML 7Page - Sipex Corporation SP4403 Datasheet HTML 8Page - Sipex Corporation SP4403 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SP4403DS/05
SP4403 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
Power Supply, V
BATT.............................................7.0V
Input Voltages, ELEN (pin 1)........-0.5V to (V
DD+0.5V)
Lamp Outputs..................................................250V
PP
Operating Temperature.......................-40˚C to +85˚C
Storage Temperature........................-65˚C to +150˚C
Power Dissipation Per Package
8-pin NSOIC (derate 6.51mW/OC above +70OC)........550mW
8-pin
µSOIC (derate 4.85mW/OC above +70OC).........400mW
SPECIFICATIONS
V
BATT = 3.0V, TAMB = 25˚C, L1 = 470µH/3.9Ω, ROSC = 450kΩ, CLAMP = 6.8nF, CINT = 1800pF, C1 = 0.1µF, and C2 = 10nF unless otherwise noted.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
2
.
20
.
35
.
4V
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
L
I
O
C
I
+
D
D
0
4
5
6
5
5
0
8
A
m
V
D
D
V
=
L
I
O
C
V
0
.
3
+
=
V
D
D
V
=
L
I
O
C
V
5
.
4
+
=
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
0
.
5
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
E
L
E
N
E
L
E
f
f
o
L
E
:
W
O
L
n
o
L
E
:
H
G
I
H
5
2
.
0
-
V
D
D
5
2
.
0
-
0
V
D
D
V
5
2
.
0
V
D
D
5
2
.
0
+
V
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
5
0
.
00
.
1A
µV
D
D
V
=
L
I
O
C
V
5
.
4
+
=
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
2
.
1
5z
H
k
e
l
c
y
C
y
t
u
D
li
o
C0
9%
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
5
7A
m.
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
0
2
30
0
40
0
5z
HV
D
D
V
=
L
I
O
C
V
5
.
4
o
t
V
2
.
2
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
P
P
P
0
5
1
0
8
1
0
9
1
0
1
2
V
P
P
V
D
D
V
=
L
I
O
C
V
0
.
3
+
=
V
D
D
V
=
L
I
O
C
V
5
.
4
+
=
The information furnished herein by Sipex has been carefully reviewed
for accuracy and reliability. Its application or use, however, is solely the
responsibility of the user. No responsibility for the use of this information
is assumed by Sipex, and this information shall not explicitly or implicitly
become part of the terms and conditions of any subsequent sales
agreement with Sipex. Specifications are subject to change without
prior notice. By the sale or transfer of this information, Sipex assumes
no responsibility for any infringement of patents or other rights of third
parties which may result from its use. No license or other proprietary
rights are granted by implication or otherwise under any patent or
patent rights of Sipex Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com