Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3493EP Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3493EP
Description  3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3493EP Datasheet(HTML) 5 Page - Sipex Corporation

  SP3493EP Datasheet HTML 1Page - Sipex Corporation SP3493EP Datasheet HTML 2Page - Sipex Corporation SP3493EP Datasheet HTML 3Page - Sipex Corporation SP3493EP Datasheet HTML 4Page - Sipex Corporation SP3493EP Datasheet HTML 5Page - Sipex Corporation SP3493EP Datasheet HTML 6Page - Sipex Corporation SP3493EP Datasheet HTML 7Page - Sipex Corporation SP3493EP Datasheet HTML 8Page - Sipex Corporation SP3493EP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
10/16/02
SP3493/3494 +3.3V Low Power Slew-Rate Limited RS-485/RS-422 Transceivers
© Copyright 2002 Sipex Corporation
PIN FUNCTION - SP3493
Pin 1 - V
CC - Positive supply +3.00 < VCC < +3.60
Pin 2 - R - Receiver output.
Pin 3 - D - Driver input.
Pin 4 - GND - Ground connection.
Pin 5 - Y - Non-inverting driver output.
Pin 6 - Z - Inverting driver output.
Pin 7 - B - Inverting receiver input.
Pin 8 - A - Non-inverting receiver input.
1
2
3
4
5
6
7
8
R
D
Vcc
GND
R
D
A
B
Z
Y
PIN FUNCTION - SP3494
Pin 1 – RO – Receiver Output.
Pin 2 – RE – Receiver Output Enable Active LOW.
Pin 3 – DE – Driver Output Enable Active HIGH.
Pin 4 – DI – Driver Input.
Pin 5 – GND – Ground Connection.
Pin 6 – A – Driver Output/Receiver Input
Non-inverting.
Pin 7 – B – Driver Output/Receiver Input Inverting.
Pin 8 – Vcc – Positive Supply +3.00V < V
CC < +3.60V
SP3494
Pinout
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP3493
Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com