Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP237AES Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP237AES
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP237AES Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP237AES Datasheet HTML 9Page - Sipex Corporation SP237AES Datasheet HTML 10Page - Sipex Corporation SP237AES Datasheet HTML 11Page - Sipex Corporation SP237AES Datasheet HTML 12Page - Sipex Corporation SP237AES Datasheet HTML 13Page - Sipex Corporation SP237AES Datasheet HTML 14Page - Sipex Corporation SP237AES Datasheet HTML 15Page - Sipex Corporation SP237AES Datasheet HTML 16Page - Sipex Corporation SP237AES Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
241B
10
GND
T3
20
1
33
T2
63
22
T1
72
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
T IN
T IN
T OUT
T OUT
R2
5
27
R IN
R OUT
2
R1
8
4
R IN
R OUT
1
2
1
5k Ω
5k Ω
R4
26
18
R IN
R OUT
4
R3
22
23
R IN
R OUT
3
4
3
5k Ω
5k Ω
R5
19
9
R IN
R OUT
5
5
5k Ω
SD
25
EN
24
T4
21
28
44
400k Ω
T IN
T OUT
16
15
14
12
C +
C -
C +
C -
2
2
1
1
17
11
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
13
V-
1–10µF
6.3V
10
GND
T3
20
1
33
T2
63
22
T1
72
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
T IN
T IN
T OUT
T OUT
R2
5
27
R IN
R OUT
2
R1
8
4
R IN
R OUT
1
2
1
5k Ω
5k Ω
R4
26
18
R IN
R OUT
4
R3
22
23
R IN
R OUT
3
4
3
5k Ω
5k Ω
R5
19
9
R IN
R OUT
5
5
5k Ω
SD
25
EN
24
T4
21
28
44
400k Ω
T IN
T OUT
16
15
14
12
C +
C -
C +
C -
2
2
1
1
17
11
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
13
V-
1–10µF
6.3V
241A
240A/B
18
GND
T3
37
6
3
3
T2
8
2
2
T1
7
T IN
1
T OUT
1
400k
400k Ω
400k Ω
T IN
T IN
T OUT
T OUT
13
R IN
R OUT
2
R1
16
10
R IN
R OUT
1
2
1
R4
3
35
R IN
R OUT
4
R3
39
40
R IN
R OUT
3
4
3
R5
36
17
R IN
R OUT
5
5
SD
43
EN
42
28
27
25
30
19
VCC
V+
10µF
16V
4.7µF
16V
4.7µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
26
V-
10µF
6.3V
SP240A/B
14
15
29
4
5kΩ
T5
2
41
T4
5
400k Ω
400k Ω
T IN
T IN
T OUT
38
4
5
T OUT
5
4
C +
1
C –
1
C +
2
C –
2
R2
5kΩ
5kΩ
5kΩ
5kΩ
TYPICAL CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com