Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4412 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4412
Description  Electroluminescent Lamp Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4412 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4412 Datasheet HTML 1Page - Sipex Corporation SP4412 Datasheet HTML 2Page - Sipex Corporation SP4412 Datasheet HTML 3Page - Sipex Corporation SP4412 Datasheet HTML 4Page - Sipex Corporation SP4412 Datasheet HTML 5Page - Sipex Corporation SP4412 Datasheet HTML 6Page - Sipex Corporation SP4412 Datasheet HTML 7Page - Sipex Corporation SP4412 Datasheet HTML 8Page - Sipex Corporation SP4412 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SP4412ADS/12
SP4412ACN Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
2
NOTES:
1. Dimensions are in microns unless otherwise noted (mils)
2. Bonding pads are 125 x 125 microns typical
3. Outside dimensions are maximum including scribe area
4. Die thickness is 15 mils +/- 1
5. Pad center coordinates are relative to the die center.
Measured from center of Pads.
1397
(55)
Coil
Lamp 2
Lamp 1
Clk.
V
DD
V
SS
Y
X
(0,0)
1143
(45)
HON
SPECIFICATIONS
T= 25
°C; V
DD = 3.0V; Lamp Capacitance = 2000pF; Coil = 30 mH at 125 Ohms; External Oscillator = 32768Hz (unless otherwise noted).
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
DD..................................................................................................5.0 V
Input Voltages/Currents
HON (pin 1).........................................-0.5V to (V
DD+0.5V)
COIL (pin 3)..............................................................60mA
Lamp Outputs...............................................................................250V
PP
Storage Temperature.....................................................-65˚C to +150˚C
Power Dissipation Per Package
8-pin NSOIC (derate 6.14mWoC above +70oC)...................................500mW
8-pin
µSOIC (derate 4.85mWoC above +70oC)....................................390mW
The information furnished herein by Sipex has been carefully reviewed
for accuracy and reliability. Its application or use, however, is solely the
responsibility of the user. No responsibility for the use of this
information is assumed by Sipex, and this information shall not explicitly
or implicitly become part of the terms and conditions of any subsequent
sales agreement with Sipex. Specifications are subject to change
without prior notice. By the sale or transfer of this information, Sipex
assumes no responsibility for any infringement of patents or other rights
of third parties which may result from its use. No license or other
proprietary rights are granted by implication or otherwise under any
patent or patent rights of Sipex Corporation.
BONDING DIAGRAM
PIN
X
Y
CLK
218.5
555.5
HON
418.5
555.5
V
DD
418.5
339.5
EL2
-178.0
-555.5
EL1
95.5
-555.5
COIL
-416.0
-555.5
-416.0
219.0
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
2
.
20
.
36
.
3V
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
L
I
O
C
I
+
D
D
50
.
2A
mV
N
O
H
V
=
D
D
V
3
=
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
6
.
3
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
O
H
N
O
H
f
f
o
L
E
:
W
O
L
n
o
L
E
:
H
G
I
H
5
2
.
0
-
V
D
D
5
2
.
0
-
0
V
D
D
V
5
2
.
0
V
D
D
5
2
.
0
+
V
n
o
L
E
,
t
n
e
r
r
u
C
N
O
H1
0
10
0
1
µA
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
0
10
5A
nV
N
O
H
V
0
=
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
f
=
P
M
A
L
2
3
x2
9
1
8z
Hz
H
8
6
7
2
3
=
r
o
t
a
ll
i
c
s
O
t
u
p
n
I
e
l
c
y
C
y
t
u
D
li
o
C5
7%
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
0
6A
m.
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
6
5
2z
Hz
H
8
6
7
2
3
=
r
o
t
a
ll
i
c
s
O
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
P0
2
10
6
1V
P
P
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com