Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4424CU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4424CU
Description  Electroluminescent Lamp Driver Dual Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424CU Datasheet(HTML) 1 Page - Sipex Corporation

  SP4424CU Datasheet HTML 1Page - Sipex Corporation SP4424CU Datasheet HTML 2Page - Sipex Corporation SP4424CU Datasheet HTML 3Page - Sipex Corporation SP4424CU Datasheet HTML 4Page - Sipex Corporation SP4424CU Datasheet HTML 5Page - Sipex Corporation SP4424CU Datasheet HTML 6Page - Sipex Corporation SP4424CU Datasheet HTML 7Page - Sipex Corporation SP4424CU Datasheet HTML 8Page - Sipex Corporation SP4424CU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
1
DESCRIPTION
The SP4424 is a high voltage output DC-AC converter that can operate from a single battery
supply voltage as low as 2.2V. The SP4424 is capable of supplying up to 220 V
PP
signals,
making it ideal for driving electroluminescent lamps. The device features 5
µA (maximum)
standby current, for use in low power portable products. An inductor is used to generate high
voltage pulses, and two external capacitors are used to select the inductor and the lamp
oscillator frequencies. The SP4424 is offered in both an 8-pin narrow SOIC and 8-pin micro
SOIC packages. For delivery in die form, please consult the factory.
s DC to AC Inverter for EL Backlit
Display Panels
s 2.2V - 5.0V Battery Operation
s Dual Oscillator Operation for
Application Flexibility
s Low Current Standby Mode
APPLICATIONS
s PDAs
s Cellular Phones
s Remote Controls
s Hand Held Computers
SP4424 Block Diagram
SP4424
Electroluminescent Lamp Driver
Dual Oscillators
HON
VDD
CLAMP
VSS
COIL
EL2
EL1
SP4424
8
7
4
3
2
1
5
6
CCOIL
®


Similar Part No. - SP4424CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422 SIPEX-SP4422 Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACN SIPEX-SP4422ACN Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACU SIPEX-SP4422ACU Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACX SIPEX-SP4422ACX Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
More results

Similar Description - SP4424CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
logo
Sipex Corporation
SP4427 SIPEX-SP4427 Datasheet
116Kb / 9P
Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com