Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4425CU Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP4425CU
Description  Electroluminescent Lamp Driver Low Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425CU Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP4425CU Datasheet HTML 6Page - Sipex Corporation SP4425CU Datasheet HTML 7Page - Sipex Corporation SP4425CU Datasheet HTML 8Page - Sipex Corporation SP4425CU Datasheet HTML 9Page - Sipex Corporation SP4425CU Datasheet HTML 10Page - Sipex Corporation SP4425CU Datasheet HTML 11Page - Sipex Corporation SP4425CU Datasheet HTML 12Page - Sipex Corporation SP4425CU Datasheet HTML 13Page - Sipex Corporation SP4425CU Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SP4425DS/20
SP4425 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
11
32 coil pulses per half cycle; 94% duty cycle.
EL1 Output
-EL2 Output
EL1 output; 32 charge steps per half cycle
EL1 Output
-EL2 Output
Differential representation (EL1-EL2)
V
=80V (typical)
PEAK
V = 160V
(typical)
PP
Figure 1. EL output voltage in discrete steps at EL1 output
Figure 2. Voltage pulses released from the coil to the EL driver circuitry
Figure 3. EL voltage waveforms from the EL1 and EL2 outputs
Figure 4. El differential output waveform of the EL1 and EL2 outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com