Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP239ACX Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP239ACX
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP239ACX Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP239ACX Datasheet HTML 9Page - Sipex Corporation SP239ACX Datasheet HTML 10Page - Sipex Corporation SP239ACX Datasheet HTML 11Page - Sipex Corporation SP239ACX Datasheet HTML 12Page - Sipex Corporation SP239ACX Datasheet HTML 13Page - Sipex Corporation SP239ACX Datasheet HTML 14Page - Sipex Corporation SP239ACX Datasheet HTML 15Page - Sipex Corporation SP239ACX Datasheet HTML 16Page - Sipex Corporation SP239ACX Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
14
237A
238A
236A
236B
TYPICAL CIRCUITS
8
14
13
12
10
C +
C -
C +
C -
2
2
1
1
15
9
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
11
V-
T4
19
24
4
4
T3
18
2
33
T2
7
1
22
T1
6
3
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
400k Ω
T IN
T IN
T IN
T OUT
T OUT
T OUT
R
2
22
23
R IN
R OUT
2
R1
54
R IN
R OUT
1
2
1
5k Ω
5k Ω
R
3
17
16
R IN
R OUT
3
3
5k Ω
3
SD
21
EN
20
GND
1–10µF
6.3V
8
14
13
12
10
C +
C -
C +
C -
2
2
1
1
15
9
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
11
V-
T4
19
24
4
4
T3
18
2
33
T2
7
1
22
T1
6
3
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
400k Ω
T IN
T IN
T IN
T OUT
T OUT
T OUT
R
2
22
23
R IN
R OUT
2
R1
54
R IN
R OUT
1
2
1
5k Ω
5k Ω
R
3
17
16
R IN
R OUT
3
3
5k Ω
3
SD
21
EN
20
GND
1–10µF
6.3V
8
14
13
12
10
C +
C -
C +
C -
2
2
1
1
15
9
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
11
V-
T4
19
24
4
4
T3
18
2
33
T2
7
1
22
T1
6
3
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
400k Ω
T IN
T IN
T IN
T OUT
T OUT
T OUT
R
2
22
23
R IN
R OUT
2
R1
54
R IN
R OUT
1
2
1
5k Ω
5k Ω
R
3
17
16
R IN
R OUT
3
3
5k Ω
GND
T5
21
20
5
5
400k Ω
T IN
T OUT
1–10µF
6.3V
8
14
13
12
10
C +
C -
C +
C -
2
2
1
1
15
9
V
CC
V+
+
+
+
+
1–10µF
16V
1–10µF
16V
1–10µF
6.3V
+5V to +10V
Voltage Doubler
+10V to -10V
Voltage Inverter
+5V INPUT
11
V-
T4
19
24
4
4
T3
18
2
33
T2
1
22
T1
5
T IN
1
T OUT
1
400k Ω
400k Ω
400k Ω
400k Ω
T IN
T IN
T IN
T OUT
T OUT
T OUT
R
2
22
3
R IN
R OUT
2
R1
6
7
R IN
R OUT
1
2
1
5k Ω
5k Ω
R
3
23
R IN
R OUT
3
3
5k Ω
GND
21
20
R
4
17
16
R IN
R OUT
4
4
5k Ω
4
1–10µF
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com