Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486CT Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP486CT
Description  Quad RS-485/RS-422 Line Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486CT Datasheet(HTML) 5 Page - Sipex Corporation

  SP486CT Datasheet HTML 1Page - Sipex Corporation SP486CT Datasheet HTML 2Page - Sipex Corporation SP486CT Datasheet HTML 3Page - Sipex Corporation SP486CT Datasheet HTML 4Page - Sipex Corporation SP486CT Datasheet HTML 5Page - Sipex Corporation SP486CT Datasheet HTML 6Page - Sipex Corporation SP486CT Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SP486/487
Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
Figure 4. Driver Propagation Delays
3V
0V
B
A
VO
–VO
VO
VO
1
2
tr
tf
10%
90%
90%
10%
VO
1
2
tSKEW
tSKEW
VDIFF = V(A) – V(B)
F = 1MHZ: tr < 10ns: tf < 10ns
tPLH
tPHL
DI
1.5V
1.5V
AC PARAMETERS
V
CC = 5V±5%; typicals at 25°C; 0°C ≤ TA ≤ +70°C unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
PROPAGATION DELAY
Driver Input to Output
R
DIFF = 54 Ohms, CL1= CL2=
100pF;
Figure 2
Low to High (t
PLH)
204060
ns
High to Low (t
PHL)
204060
ns
Driver Output to Output (t
SKEW)
5
15
ns
Driver Rise Time (t
R)
10% to 90%
SP486
20
ns
SP487
20
ns
Driver Fall Time (t
F)
90% to 10%
SP486
20
ns
SP487
20
ns
DRIVER ENABLE
To Output High
60
110
ns
C
L = 100pF; Figures 3 and 5
(S
2 closed)
To Output Low
60
115
ns
C
L = 100pF; Figures 3 and 5
(S
1 closed)
DRIVER DISABLE
From Output Low
60
130
ns
C
L = 15pF; Figures 3 and 5
(S
1 closed)
From Output High
60
130
ns
C
L = 15pF; Figures 3 and 5
(S
2 closed)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com