Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502CF Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP502CF
Description  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502CF Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP502CF Datasheet HTML 4Page - Sipex Corporation SP502CF Datasheet HTML 5Page - Sipex Corporation SP502CF Datasheet HTML 6Page - Sipex Corporation SP502CF Datasheet HTML 7Page - Sipex Corporation SP502CF Datasheet HTML 8Page - Sipex Corporation SP502CF Datasheet HTML 9Page - Sipex Corporation SP502CF Datasheet HTML 10Page - Sipex Corporation SP502CF Datasheet HTML 11Page - Sipex Corporation SP502CF Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
8
FEATURES…
The SP502 is a highly integrated serial trans-
ceiver that allows software control of its inter-
face modes. The SP502 offers hardware inter-
face modes for RS-232 (V.28), RS-422A (V.11),
RS-449, RS-485, V.35, and EIA-530. The inter-
face mode selection is done via an 8–bit switch;
four (4) bits control the drivers and four (4) bits
control the receivers. The SP502 is fabricated
using low–power BiCMOS process technology,
and incorporates a Sipex patented (5,306,954)
charge pump allowing +5V only operation. Each
THEORY OF OPERATION
Charge–Pump
The charge pump is a Sipex patented design
(5,306,954) and uses a unique approach com-
pared to older less efficient designs. The charge
pump still requires four external capacitors, but
uses a four–phase voltage shifting technique to
attain symmetrical 10V power supplies. Figure
3a shows the waveform found on the positive
side of capcitor C
2, and Figure 3b shows the
negative side of capcitor C
2. There is a free–
running oscillator that controls the four phases
of the voltage shifting. A description of each
phase follows.
Phase 1
— V
SS charge storage —During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. Cl
+ is
then switched to ground and the charge on C
1
–
is transferred to C
2
–. Since C
2
+ is connected
to +5V, the voltage potential across capacitor
C
2 is now 10V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to ground, and transfers the generated –l0V to
C
3. Simultaneously, the positive side of capaci-
Pin 78 — DSR— Data Set Ready; TTL output;
sourced from DM(a), DM(b) inputs.
Pin 80 — CTS— Clear To Send; TTL output;
sourced from CS(a) and CS(b) inputs.
CONTROL REGISTERS
Pins 2–5 — RDEC0 – RDEC3 — Receiver
decode register; configures receiver modes; TTL
inputs.
Pin 6 — ST/TT — Enables ST or TT drivers,
TTL input.
Pins 12–9 — TDEC0 – TDEC3 — Transmitter
decode register; configures transmitter modes;
TTL inputs.
POWER SUPPLIES
Pins 8, 25, 33, 41, 48, 55, 62, 73, 74 — V
CC —
+5V input.
Pins 7, 29, 34, 43, 46, 50, 53, 57, 60, 64, 72, 75
— GND — Ground.
Pin 27 — V
DD +10V Charge Pump Capacitor —
Connects from V
DD to VCC. Suggested capaci-
tor size is 22
µF, 16V.
Pin 32 — V
SS –10V Charge Pump Capacitor —
Connects from ground to V
SS.
Suggested ca-
pacitor size is 22
µF, 16V.
Pins 26 and 30 — C
1
+ and C
1
– — Charge Pump
Capacitor — Connects from C
1
+ to C
1
–. Sug-
gested capacitor size is 22
µF, 16V.
Pins 28 and 31 — C
2
+ and C
2
– — Charge Pump
Capacitor — Connects from C
2
+ to C
2
–. Sug-
gested capacitor size is 22
µF, 16V.
NOTE: NC pins should be left floating; internal
signals may be present.
device is packaged in an 80–pin Quad FlatPack
package.
The SP502 is ideally suited for wide area net-
work connectivity based on the interface modes
offered and the driver and receiver configura-
tions. The SP502 has five (5) independent driv-
ers and six (6) independent receivers and one
half–duplex transceiver channel, which allows
a maximum of six (6) drivers and seven (7)
receivers. The driver and receiver configuration
for the SP502 is ideal for DTE applications. The
SP502 is made up of four separate circuit blocks
– the charge pump, drivers, receivers, and
decoder. Each of these circuit blocks is de-
scribed in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com