Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP505 Datasheet HTML 10Page - Sipex Corporation SP505 Datasheet HTML 11Page - Sipex Corporation SP505 Datasheet HTML 12Page - Sipex Corporation SP505 Datasheet HTML 13Page - Sipex Corporation SP505 Datasheet HTML 14Page - Sipex Corporation SP505 Datasheet HTML 15Page - Sipex Corporation SP505 Datasheet HTML 16Page - Sipex Corporation SP505 Datasheet HTML 17Page - Sipex Corporation SP505 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 39. Receiver Enable and Disable Times
+3V
0V
DECX
5V
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
RECEIVER OUT
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
RECEIVER OUT
RCVR
ENABLE
+3V
0V
DECX or Tx_Enable
1.5V
1.5V
tZL
f = 60kHz; tR < 10ns; tF < 10ns
TOUT
tLZ
Output LOW
0V
+3V
0V
VOH
1.5V
1.5V
tZH
f = 60kHz; tR < 10ns; tF < 10ns
TOUT
VOH – .5V
tHZ
Output HIGH
0V
DECX or Tx_Enable
VOH – .5V
VOL – .5V
VOL – .5V
VOL
Figure 40. V.28 (RS-232) and V.10 (RS-423) Driver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com