Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505ACF Datasheet(PDF) 35 Page - Sipex Corporation

Part # SP505ACF
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505ACF Datasheet(HTML) 35 Page - Sipex Corporation

Back Button SP505ACF Datasheet HTML 27Page - Sipex Corporation SP505ACF Datasheet HTML 28Page - Sipex Corporation SP505ACF Datasheet HTML 29Page - Sipex Corporation SP505ACF Datasheet HTML 30Page - Sipex Corporation SP505ACF Datasheet HTML 31Page - Sipex Corporation SP505ACF Datasheet HTML 32Page - Sipex Corporation SP505ACF Datasheet HTML 33Page - Sipex Corporation SP505ACF Datasheet HTML 34Page - Sipex Corporation SP505ACF Datasheet HTML 35Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
35
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP505ACF ........................................................................ 0°C to +70°C ...................................................... 80–pin JEDEC (BE-2 Outline) MQFP
SP505BCF ........................................................................ 0°C to +70°C ...................................................... 80–pin JEDEC (BE-2 Outline) MQFP
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Please consult the factory for pricing and availability on a Tape-On-Reel option.
DATE
REVISION
DESCRIPTION
1/27/04
A
Implemented tracking revision.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com