Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCOF2002A-FEMGD Datasheet(PDF) 4 Page - P-tec Corporation

Part # PCOF2002A-FEMGD
Description  240 Column X 64 Row
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PCOF2002A-FEMGD Datasheet(HTML) 4 Page - P-tec Corporation

  PCOF2002A-FEMGD Datasheet HTML 1Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 2Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 3Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 4Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 5Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 6Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 7Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 8Page - P-tec Corporation PCOF2002A-FEMGD Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PAGE 4 OF 13
2. Precautions in use of LCD Modules
(1)Avoid applying excessive shocks to the module or making any alterations or modifications to
it.
(2)Don’t make extra holes on the printed circuit board, modify its shape or change the
components of LCD module.
(3)Don’t disassemble the LCM.
(4)Don’t operate it above the absolute maximum rating.
(5)Don’t drop, bend or twist LCM.
(6)Soldering: only to the I/O terminals.
(7)Storage: please storage in anti-static electricity container and clean environment.
3. General Specification
Item
Dimension
Unit
Number of Dots
240 x 64
-
Module dimension(None Backlight )
180.0 x 65.0 x 11.0(MAX)
mm
Module dimension(With Backlight )
180.0 x 65.0 x 16.0(MAX)
mm
View area
132.2 x 39.2
mm
Active area
127.16 x 33.88
mm
Dot size
0.49 x 0.49
mm
Dot pitch
0.53x 0.53
mm
LCD type
STN
Duty
1/64
View direction
6 o’clock or 12 o’clock
Backlight Type
None, YELLOW-GREEN backlight,
WHITE backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com