Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505BCF Datasheet(PDF) 33 Page - Sipex Corporation

Part # SP505BCF
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505BCF Datasheet(HTML) 33 Page - Sipex Corporation

Back Button SP505BCF Datasheet HTML 27Page - Sipex Corporation SP505BCF Datasheet HTML 28Page - Sipex Corporation SP505BCF Datasheet HTML 29Page - Sipex Corporation SP505BCF Datasheet HTML 30Page - Sipex Corporation SP505BCF Datasheet HTML 31Page - Sipex Corporation SP505BCF Datasheet HTML 32Page - Sipex Corporation SP505BCF Datasheet HTML 33Page - Sipex Corporation SP505BCF Datasheet HTML 34Page - Sipex Corporation SP505BCF Datasheet HTML 35Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
LOOPBACK MODE...
The SP505 is equipped with two loopback
modes. Single-ended loopback internally
connects V.28 driver outputs to V.28 receiver
inputs. The signal path is non-inverting and will
support data rates up to 120kbps. The propaga-
tion delay times are as specified in the electrical
specifications.
To initiate a single-ended
loopback, the code "1010" should be written to
the driver decoder.
Differential loopback is
implemented by applying "1011" to the driver
decoder. This internally connects V.11 driver
outputs to V.11 receiver inputs. The signal path
again is non-inverting; the differential loopback
data rate can be at least 5Mbps.
Under loopback conditions the receiver decoder
is disabled. While the SP505 is in either single-
ended or differential loopback mode, the driver
outputs are tri-stated and the receiver inputs are
disabled.
Mode
Driver Output
Receiver Input
Driver Receiver
non-inverting
inverting
non-inverting
inverting
Input
Output
Loopback
tri-state
tri-state
>10K to GND >10K to GND active
active
tri-state
tri-state
>10K to GND >10K to GND active
active
Power down
clamped
tri-state
tri-state
>10K to GND >10K to GND inactive
at ±0.6V
Tri-state
tri-state
tri-state
>10K to GND >10K to GND inactive
tri-state
DEC=1010
DEC=1011
V
CC=VDD=VSS=0V
DEC=0000
MODE: Differential Loopback
DRIVER/RECEIVER
DEC3 DEC2 DEC1 DEC0
RD(a) 70
RxD 1
RT(a) 37
RxC 20
SCT(a) 76
SCT 79
SCTEN 7
SCT(b) 77
15 TxC
63 TT(a)
65 TT(b)
6 TTEN
RECEIVERS
DRIVERS
22 ST
42 ST(a)
44 ST(b)
23 STEN
CS(a) 66
CTS 80
RR(a) 35
DCD 19
RR(b) 36
CS(b) 67
RT(b) 38
RD(b) 71
1
0
1
1
24 LL
51 LL(a)
49 LL(b)
5 LLEN
14 TxD
61 SD(a)
59 SD(b)
2 SDEN
13 DTR
58 TR(a)
56 TR(b)
3 TREN
16 RTS
54 RS(a)
52 RS(b)
4 RSEN
17 RL
47 RL(a)
45 RL(b)
18 RLEN
IC(a) 39
RI 21
IC(b) 40
DM(a) 68
DSR 78
DM(b) 69
IC(a) 39
RI 21
SCTEN 7
RECEIVERS
DRIVERS
1
0
1
0
24 LL
51 LL(a)
5 LLEN
13 DTR
58 TR(a)
3 TREN
DM(a) 68
DSR 78
16 RTS
54 RS(a)
4 RSEN
17 RL
47 RL(a)
18 RLEN
RR(a) 35
DCD 19
CS(a) 66
CTS 80
RD(a) 70
RxD 1
RT(a) 37
RxC 20
SCT(a) 76
SCT 79
14 TxD
61 SD(a)
2 SDEN
15 TxC
63 TT(a)
6 TTEN
22 ST
42 ST(a)
23 STEN
MODE: Single-Ended Loopback
DRIVER/RECEIVER
DEC3 DEC2 DEC1 DEC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com