Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507CB Datasheet(PDF) 26 Page - Sipex Corporation

Part # SP507CB
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507CB Datasheet(HTML) 26 Page - Sipex Corporation

Back Button SP507CB Datasheet HTML 20Page - Sipex Corporation SP507CB Datasheet HTML 21Page - Sipex Corporation SP507CB Datasheet HTML 22Page - Sipex Corporation SP507CB Datasheet HTML 23Page - Sipex Corporation SP507CB Datasheet HTML 24Page - Sipex Corporation SP507CB Datasheet HTML 25Page - Sipex Corporation SP507CB Datasheet HTML 26Page - Sipex Corporation SP507CB Datasheet HTML 27Page - Sipex Corporation SP507CB Datasheet HTML 28Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
Rev: A Date:1/27/04
SP507 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
RD(a) 70
RxD 1
RT(a) 37
RxC 20
TM(a) 39
TM 21
SCT(a) 76
DTE_ST 79
SCTEN 7
15 TxCE
RECEIVERS
DRIVERS
22 DCE_ST
CS(a) 66
CTS 80
RR(a) 35
DCD 19
RTEN 2
MODE: RS-232 (V.28)
DRIVER/RECEIVER
M2
M1
M0
1
1
0
24 LL
51 LL(a)
5 LLEN
14 TxD
13 DTR
16 RTS
17 RL
DM(a) 68
DSR 78
RREN 3
TMEN 4
58 TR(a)
54 RS(a)
47 RL(a)
18 RLEN
61 SD(a)
42 ST(a)
23 STEN
63 TT(a)
6 TTEN
Figure 52. Mode Diagram – RS-232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com