Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP514 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP514
Description  WAN Multi-Mode Serial Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP514 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP514 Datasheet HTML 9Page - Sipex Corporation SP514 Datasheet HTML 10Page - Sipex Corporation SP514 Datasheet HTML 11Page - Sipex Corporation SP514 Datasheet HTML 12Page - Sipex Corporation SP514 Datasheet HTML 13Page - Sipex Corporation SP514 Datasheet HTML 14Page - Sipex Corporation SP514 Datasheet HTML 15Page - Sipex Corporation SP514 Datasheet HTML 16Page - Sipex Corporation SP514 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Rev. 3/05/04
SP514 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 34. Driver Timing Test Load Circuit
Figure 35. Receiver Timing Test Load Circuit
500Ω
CL
Output
Under
Test
S1
S2
VCC
1KΩ
1KΩ
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure 36. Driver Propagation Delays
+3V
0V
DRIVER INPUT
B
A
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO
tSKEW
tSKEW
1.5V
1.5V
tPLH
tR
tF
f ≥ 5MHz; tR ≤ 10ns; tF ≤ 10ns
VO
1/2VO
1/2VO
tPHL
Figure 37. Driver Enable and Disable Times
+3V
0V
DECX
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
TX
ENABLE
Note: Figure 36 shown above is corrected from Figure 5 in SP504 Datasheet. Figure 5 in the SP504 Datasheet is incorrect where A and B are
reversed and the V
A –VB output should be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com