Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP524CF Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP524CF
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP524CF Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP524CF Datasheet HTML 2Page - Sipex Corporation SP524CF Datasheet HTML 3Page - Sipex Corporation SP524CF Datasheet HTML 4Page - Sipex Corporation SP524CF Datasheet HTML 5Page - Sipex Corporation SP524CF Datasheet HTML 6Page - Sipex Corporation SP524CF Datasheet HTML 7Page - Sipex Corporation SP524CF Datasheet HTML 8Page - Sipex Corporation SP524CF Datasheet HTML 9Page - Sipex Corporation SP524CF Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
A
B
R
R
VOD
VOC
Figure 1. Driver DC Test Load Circuit
1K
1K
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure 2. Receiver Timing Test Load Circuit
CL1
15pF
RO
A
B
A
B
DI
DE
3V
CL2
RDIFF
Figure 3. Driver/Receiver Timing Test Circuit
500
CL
Output
Under
Test
S1
S2
VCC
Figure 4. Driver Timing Test Load #2 Circuit
Figure 5. Driver Propagation Delays
+3V
0V
DRIVER INPUT
B
A
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO–
tSKEW
tSKEW
1.5V
1.5V
tPLH
tR
tF
f = 1MHz; tR < 10ns; tF < 10ns
VO
1/2VO
1/2VO
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com