Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP574BK Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP574BK
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BK Datasheet(HTML) 3 Page - Sipex Corporation

  SP574BK Datasheet HTML 1Page - Sipex Corporation SP574BK Datasheet HTML 2Page - Sipex Corporation SP574BK Datasheet HTML 3Page - Sipex Corporation SP574BK Datasheet HTML 4Page - Sipex Corporation SP574BK Datasheet HTML 5Page - Sipex Corporation SP574BK Datasheet HTML 6Page - Sipex Corporation SP574BK Datasheet HTML 7Page - Sipex Corporation SP574BK Datasheet HTML 8Page - Sipex Corporation SP574BK Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
3
SPECIFICATIONS (continued)
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
CONVERSION TIME
SP574B
12–Bit Conversion
13
25
µs
8–Bit Conversion
10
19
µs
SP674B
12–Bit Conversion
9
15
µs
8–Bit Conversion
6
11.2
µs
SP1674B
12–Bit Conversion
5
10
µs
8–Bit Conversion
4
7.6
µs
SP774B
12–Bit Conversion
4
8
µs
8–Bit Conversion
3
6
µs
ACCURACY
Linearity Error
–A, –J, –S
±1.0
LSB
@ 25
°C and T
MIN to TMAX
–B, –K, –T
±0.5
LSB
@ 25
°C and T
MIN to TMAX
Differential Linearity Error
Note 2
–A, –J, –S
11
Bits
@ 25
°C
11
Bits
T
MIN to TMAX
–B, –K, –T
12
Bits
@ 25
°C
12
Bits
T
MIN to TMAX
Offset
Note 3
Unipolar
±3
LSB
Bipolar
–A, –J, –S
±10
LSB
–B, –K, –T
±4
LSB
Full Scale (Gain) Error
% of full scale; T
MIN to TMAX
±0.3
%FS
Note 4
–A
±0.6
%FS
No adjustment @ 25
°C
±0.3
%FS
With adjustment @ 25
°C
–B
±0.45
%FS
No adjustment @ 25
°C
±0.15
%FS
With adjustment @ 25
°C
–J
±0.5
%FS
No adjustment @ 25
°C
±0.22
%FS
With adjustment @ 25
°C
–K
±0.4
%FS
No adjustment @ 25
°C
±0.12
%FS
With adjustment @ 25
°C
–S
±0.8
%FS
No adjustment @ 25
°C
±0.5
%FS
With adjustment @ 25
°C
–T
±0.6
%FS
No adjustment @ 25
°C
±0.25
%FS
With adjustment @ 25
°C
STABILITY
Unipolar Offset
–J
±10
ppm/
°CT
MIN to TMAX
–K, –A, –S
±5
ppm/
°CT
MIN to TMAX
–B, –T
±2.5
ppm/
°CT
MIN to TMAX
Bipolar Offset
–J, –A, –S
±10
ppm/
°CT
MIN to TMAX
–K, –B, –T
±5
ppm/
°CT
MIN to TMAX
Gain (Scale Factor)
–J, –A, –S
±50
ppm/
°CT
MIN to TMAX
–K, –B, –T
±25
ppm/
°CT
MIN to TMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com