Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6660
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6660 Datasheet HTML 1Page - Sipex Corporation SP6660 Datasheet HTML 2Page - Sipex Corporation SP6660 Datasheet HTML 3Page - Sipex Corporation SP6660 Datasheet HTML 4Page - Sipex Corporation SP6660 Datasheet HTML 5Page - Sipex Corporation SP6660 Datasheet HTML 6Page - Sipex Corporation SP6660 Datasheet HTML 7Page - Sipex Corporation SP6660 Datasheet HTML 8Page - Sipex Corporation SP6660 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1— FC — Frequency Control for the
internal oscillator. FC = open,f
OS C = 10KHz
typical; FC = V+, f
OSC = 80KHz typical
Pin 2 — CAP+ — Connect to the positive
terminal of the charge pump capacitor.
Pin 3 — GND — (Voltage Inverter Circuit)
Ground.
Pin 3 — GND — (Positive Voltage Doubler
Circuit) Positive supply voltage input.
Pin 4 — CAP- — Connect to the negative
terminal of the charge pump capacitor.
Pin 5 — OUT — (Voltage Inverter Circuit)
Negative voltage output pin.
Pin 5 — OUT — (Positive Voltage Doubler
Circuit) Ground pin for power supply.
Pin 6 — LV
Low-voltage operation input pin in 660
circuits. In SP6660 circuits can be connected
to GND, OUT or left open as desired with no
effect.
Pin 7 — OSC — Control pin for the oscillator.
Internally connected to 15pf capacitor.
An external capacitor can be added to slow
the oscillator. Be careful to minimize stray
capitance. An external oscillator can be
connected to overdrive the OSC pin.
Pin 8 — V+ — (Voltage Inverter Circuit)
Positive voltage input pin for the power
supply.
Pin 8 — V+ — (Positive Voltage Doubler
Circuit) Positive voltage output.
PINOUT
CAP+
FC
GND
CAP-
OUT
LV
OSC
V+
SP6660
8
7
4
3
2
1
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com