Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660CP Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6660CP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660CP Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6660CP Datasheet HTML 12Page - Sipex Corporation SP6660CP Datasheet HTML 13Page - Sipex Corporation SP6660CP Datasheet HTML 14Page - Sipex Corporation SP6660CP Datasheet HTML 15Page - Sipex Corporation SP6660CP Datasheet HTML 16Page - Sipex Corporation SP6660CP Datasheet HTML 17Page - Sipex Corporation SP6660CP Datasheet HTML 18Page - Sipex Corporation SP6660CP Datasheet HTML 19Page - Sipex Corporation SP6660CP Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
16
OSC
OUT
SP6660
+VIN
C1
5
1
2
7
4
FC
C2
CAP+
CAP-
GND
6
8
3
LV
OSC
OUT
SP6660
+V
IN
C1 x 2
5
1
2
7
4
FC
C2 _ 2
CAP+
CAP-
GND
6
8
3
LV
OSC
OUT
SP6660
+V
IN
C1 x n
5
1
2
7
4
FC
C2 _ n
CAP+
CAP-
GND
6
8
3
LV
VOUT
“n”
“1”
“2”
VOUT = -n x VIN
where VOUT = output voltage,
VIN = input voltage, and
n = the total number of SP6660 devices connected.
OSC
OUT
SP6660
+VIN
C1
5
1
2
7
4
FC
CAP+
CAP-
GND
6
8
3
LV
OSC
OUT
SP6660
+V
IN
C1 _ 2
5
1
2
7
4
FC
CAP+
CAP-
GND
6
8
3
LV
OSC
OUT
SP6660
+V
IN
C1 _ n
5
1
2
7
4
FC
C2
CAP+
CAP-
GND
6
8
3
LV
RTOT
“n”
“1”
“2”
RTOT =
ROUT
n
where RTOT = total resistance of the SP6660 devices connected in parallel,
ROUT = the output resistance of a single SP6660 device, and
n = the total number of SP6660 devices connected in parallel.
Figure 25. SP6660 Devices Cascaded to Provide a Multiple of a Negative Inverted Output Voltage
Figure 26. SP6660 Devices Connected in Parallel to Reduce Output Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com