Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6828 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6828
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6828 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6828 Datasheet HTML 1Page - Sipex Corporation SP6828 Datasheet HTML 2Page - Sipex Corporation SP6828 Datasheet HTML 3Page - Sipex Corporation SP6828 Datasheet HTML 4Page - Sipex Corporation SP6828 Datasheet HTML 5Page - Sipex Corporation SP6828 Datasheet HTML 6Page - Sipex Corporation SP6828 Datasheet HTML 7Page - Sipex Corporation SP6828 Datasheet HTML 8Page - Sipex Corporation SP6828 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
SPECIFICATIONS FOR THE SP6828/6829
V
IN = +3.3V, C1=C2=10µF for the SP6828, C1=C2=3.3µF for the SP6829, and TAMB= -40°C to +85°C unless otherwise noted.
Typical values are taken
specifically at T
AMB=+25°C. Test Circuit Figure 19 unless otherwise noted.
NOTE 1: V
OUT = -VIN +200mV
NOTE 2: Power Efficiency (Ideal) =
VOUT x IOUT
-VIN x (-VIN/RL)
NOTE 3: Power Efficiency (Actual) =
VOUT x IOUT
VIN x IIN
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
IN...................................................................................................+4.5V
V
OUT.................................................................................................-4.5V
V
OUT Short Circuit to GND.................................................Indefinite
I
OUT...................................................................................................50mA
Storage Temperature.....................................................-65˚C to +150˚C
Power Dissipation (T
AMB=+70°C).................................................571mW
Lead Temperature (Soldering)....................................................300oC
ESD Rating...............................................2kV Human Body Model
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
y
l
p
p
u
S5
1
.
1
4
.
1
6
8
.
0
2
.
4
V
R
L
k
0
1
=
Ω T
,
B
M
A
1
e
t
o
N
,
C
°
5
2
+
=
R
L
k
0
1
=
Ω T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
t
n
e
r
r
u
C
y
l
p
p
u
S0
2
0
4
0
4
0
6
0
8
0
2
1
µA
8
2
8
6
P
S
T
,
B
M
A
R
,
C
°
5
2
+
=
L =
8
2
8
6
P
S
T
,
B
M
A
,
C
°
5
8
+
o
t
C
°
0
4
-
=
R
L =
9
2
8
6
P
S
T
,
B
M
A
R
,
C
°
5
2
+
=
L =
9
2
8
6
P
S
T
,
B
M
A
,
C
°
5
8
+
o
t
C
°
0
4
-
=
R
L =
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O9
20
5
5
6
Ω
I
T
U
O
T
,
A
m
5
=
B
M
A
C
°
5
2
+
=
I
T
U
O
T
,
A
m
5
=
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O4
.
8
7
5
.
4
2
0
2
2
1
5
3
6
.
5
1
8
1
5
.
5
4
3
5
z
H
k
8
2
8
6
P
S
T
,
B
M
A
C
°
5
2
+
=
8
2
8
6
P
S
T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
9
2
8
6
P
S
T
,
B
M
A
C
°
5
2
+
=
9
2
8
6
P
S
T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V5
99
.
9
9%
R
L =
)
l
a
e
d
I
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
9%
R
L
k
0
1
=
Ω
2
E
T
O
N
,
)
l
a
u
t
c
A
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P5
9
1
9
%
R
L
k
0
1
=
Ω
3
E
T
O
N
,
I
T
U
O
3
E
T
O
N
,
A
m
0
1
=
∞
∞
∞
∞
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com